Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED2000DR Datasheet(PDF) 39 Page - STMicroelectronics

Part # LED2000DR
Description  3 A monolithic step-down current source with synchronous rectification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2000DR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LED2000DR Datasheet HTML 32Page - STMicroelectronics LED2000DR Datasheet HTML 33Page - STMicroelectronics LED2000DR Datasheet HTML 34Page - STMicroelectronics LED2000DR Datasheet HTML 35Page - STMicroelectronics LED2000DR Datasheet HTML 36Page - STMicroelectronics LED2000DR Datasheet HTML 37Page - STMicroelectronics LED2000DR Datasheet HTML 38Page - STMicroelectronics LED2000DR Datasheet HTML 39Page - STMicroelectronics LED2000DR Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
DocID023432 Rev 4
39/40
LED2000
Ordering information
40
10
Ordering information
11
Revision history
Table 11. Ordering information
Order code
Package
Packaging
LED2000PUR
VFQFPN 4 x 4 8L
Tape and reel
LED2000DR
SO8-BW
Tape and reel
Table 12. Document revision history
Date
Revision
Changes
11-Jul-2012
1
Initial release.
27-Jul-2012
2
Document status promoted form preliminary to production data.
16-Oct-2012
3
Figure 22 and Figure 23 have been added.
18-Jun-2013
4
Unified package names in the whole document.
Updated Table 2 (changed “operating junction temperature range”
from -40 to 125 °C to -40 to 150 °C).
Updated Section 7.2 (replaced VCC by
VINA).
Updated Figure 19 (replaced ST1CC40 by LED2000).
Updated Section 9: Package information (reversed order of
Figure 32 and Table 9, Figure 33 and Table 10, minor modifications).
Moved Section 10: Ordering information between Section 9 and
Section 11.
Minor corrections throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com