Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED2000DR Datasheet(PDF) 29 Page - STMicroelectronics

Part # LED2000DR
Description  3 A monolithic step-down current source with synchronous rectification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2000DR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LED2000DR Datasheet HTML 25Page - STMicroelectronics LED2000DR Datasheet HTML 26Page - STMicroelectronics LED2000DR Datasheet HTML 27Page - STMicroelectronics LED2000DR Datasheet HTML 28Page - STMicroelectronics LED2000DR Datasheet HTML 29Page - STMicroelectronics LED2000DR Datasheet HTML 30Page - STMicroelectronics LED2000DR Datasheet HTML 31Page - STMicroelectronics LED2000DR Datasheet HTML 32Page - STMicroelectronics LED2000DR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
DocID023432 Rev 4
29/40
LED2000
Application information
40
In overcurrent condition, the duty cycle is strongly reduced and, in most applications, this is
enough to limit the switch current to the current threshold.
The inductor current ripple during ON and OFF phases can be written as:
ON phase
Equation 40
OFF phase
Equation 41
where DCRL is the series resistance of the inductor.
The pulse-by-pulse current limitation is effective to implement constant current protection
when:
Equation 42
From Equation 40 and Equation 41 it can be seen that the implementation of the constant
current protection becomes more critical the lower the VOUT and the higher the VIN.
In fact, in short-circuit condition the voltage applied to the inductor during the OFF-time
becomes equal to the voltage drop across parasitic components (typically the DCR of the
inductor and the RDSON of the low-side switch) since VOUT is negligible, while during TON
the voltage applied at the inductor is maximized and is approximately equal to VIN.
In general, the worst case scenario is heavy short-circuit at the output with maximum input
voltage. Equation 40 and Equation 41 in overcurrent conditions can be simplified to:
Equation 43
considering TON which has already been reduced to its minimum.
Equation 44
where TSW = 1/FSW and considering the nominal FSW.
At higher input voltage
I
L TON may be higher than IL TOFF and so the inductor current can
escalate. As a consequence, the system typically meets Equation 42 at a current level
IL TON
VIN VOUT
–
DCRL RDSON HS
+
 I
–
L
----------------------------------------------------------------------------------------------- TON

=
IL TON
VOUT
DCRL RDSON LS
+
 I
+

–
L
---------------------------------------------------------------------------------------- TOFF

=
IL TON
IL TOFF
=
IL TON
VIN DCRL RDSON HS
+
 I
–
L
------------------------------------------------------------------------ TON MIN

VIN
L
--------- 90ns

=
IL TOFF
DCRL RDSON LS
+

–
I
L
-------------------------------------------------------------- TSW 90ns
–

DCRL RDSON LS
+

–
I
L
-------------------------------------------------------------- 1,18
s

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com