Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED2000DR Datasheet(PDF) 35 Page - STMicroelectronics

Part # LED2000DR
Description  3 A monolithic step-down current source with synchronous rectification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2000DR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LED2000DR Datasheet HTML 31Page - STMicroelectronics LED2000DR Datasheet HTML 32Page - STMicroelectronics LED2000DR Datasheet HTML 33Page - STMicroelectronics LED2000DR Datasheet HTML 34Page - STMicroelectronics LED2000DR Datasheet HTML 35Page - STMicroelectronics LED2000DR Datasheet HTML 36Page - STMicroelectronics LED2000DR Datasheet HTML 37Page - STMicroelectronics LED2000DR Datasheet HTML 38Page - STMicroelectronics LED2000DR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
DocID023432 Rev 4
35/40
LED2000
Typical characteristics
40
Figure 28. LED current falling edge
Figure 29. Hiccup current protection
Figure 30. Efficiency vs. IOUT (VIN 32 V)
Figure 31. Thermal shutdown protection
To maximize the dimming
performan ce the embedded LS
discharges C OUT when D IM goes low.
(D IM = 0 & & V FB > 60mV ):
the low side is enabled
as long as I L > -1A
(implements negative
current limitation)
AM12917v1
AM12918v1
130 ns typ.
AM12919v1
AM12920v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com