Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX3921 Datasheet(PDF) 18 Page - International Rectifier

Part # MCR03EZPFX3921
Description  HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX3921 Datasheet(HTML) 18 Page - International Rectifier

Back Button MCR03EZPFX3921 Datasheet HTML 14Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 15Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 16Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 17Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 18Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 19Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 20Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 21Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 22Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Rev 13.0
18
PD-97659
IR3842WMPbF
when an external resistor divider is connected to
the output as shown in figure 11.
Equation (5) can be rewritten as:
For the calculated values of R8 and R9 see
feedback compensation section.
Soft-Start Programming
The soft-start timing can be programmed by
selecting the soft-start capacitance value. From
(1), for a desired start-up time of the converter,
the soft start capacitor can be calculated by
using:
Where T
start is the desired start-up time (ms).
For a start-up time of 3.5ms, the soft-start
capacitor will be 0.099μF. Choose a 0.1μF
ceramic capacitor.
Bootstrap Capacitor Selection
To drive the Control FET, it is necessary to
supply a gate voltage at least 4V greater than
the voltage at the SW pin, which is connected
the source of the Control FET . This is achieved
by using a bootstrap configuration, which
comprises the internal bootstrap diode and an
external bootstrap capacitor (C6), as shown in
Fig .12. The operation of the circuit is as follows:
When the lower MOSFET is turned on, the
capacitor node connected to SW is pulled down
to ground. The capacitor charges towards V
cc
through the internal bootstrap diode, which has a
forward voltage drop V
D. The voltage Vc across
the bootstrap capacitor C6 is approximately
given as
When the upper MOSFET turns on in the next
cycle, the capacitor node connected to SW rises
to the bus voltage V
in. However, if the value of
C6 is appropriately chosen,
Application Information
Design Example:
The following example is a typical application for
IR3842W. The application circuit is shown on
page 23.
Enabling the IR3842W
As explained earlier, the precise threshold of
the Enable lends itself well to implementation of
a UVLO for the Bus Voltage.
For a typical Enable threshold of V
EN = 1.2 V
For a V
in (min)=10.2V, R1=49.9K and R2=7.5K is a
good choice.
Programming the frequency
For F
s = 600 kHz, select Rt = 23.7 kΩ, using
Table. 1.
Output Voltage Programming
Output voltage is programmed by reference
voltage and external voltage divider. The Fb pin
is the inverting input of the error amplifier, which
is internally referenced to 0.7V. The divider is
ratioed to provide 0.7V at the Fb pin when the
output is at its desired value. The output voltage
is defined by using the following equation:
kHz
600
=
54mV
A
4
=
V
1.8
=
max)
13.2V
(
V
12
=
s
o
o
o
in
F
ΔV
I
V
V
≤
.....(7)
..........
..........
..........
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
∗
=
9
8
1
R
R
V
V
ref
o
Fig. 11. Typical application of the IR3842W for
programming the output voltage
(8)
....
..........
..........
..........
V
V
V
R
R
ref
o
ref
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
∗
=
8
9
V
V
V
D
cc
c
(10)
......
..........
..........
−
≅
Fb
IR3624
VOUT
R9
R8
IR3842W
T
C
start
SS
(9)
..........
0.02857
)
ms
(
)
μF
(
×
=
IR3842W
Enable
Vin
R2
R
1
V
R
R
R
V
EN
in
(5)
..........
1.2
*
(min)
=
=
+
2
1
2
V
V
V
R
R
EN
)
in(
EN
(6)
..........
min
−
=
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com