Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX3921 Datasheet(PDF) 8 Page - International Rectifier

Part # MCR03EZPFX3921
Description  HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX3921 Datasheet(HTML) 8 Page - International Rectifier

Back Button MCR03EZPFX3921 Datasheet HTML 4Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 5Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 6Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 7Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 8Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 9Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 10Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 11Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Rev 13.0
8
PD-97659
IR3842WMPbF
ISS
14.0
16.0
18.0
20.0
22.0
24.0
26.0
-40
-20
0
2040
6080
100
120
Temp[
oC]
Enable(UVLO) Stop
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
-40
-20
0
20
40
60
80
100
120
Temp[
οC]
Enable(UVLO) Start
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
1.32
1.34
1.36
-40
-20
0
20
40
60
80
100
120
Temp[
oC]
Vcc(UVLO) Stop
3.76
3.81
3.86
3.91
3.96
4.01
4.06
4.11
4.16
-40
-20
0
204060
80
100
120
Temp[
oC]
Vcc(UVLO) Start
4.06
4.11
4.16
4.21
4.26
4.31
4.36
4.41
4.46
-40
-20
0
2040
6080
100
120
Temp[ oC]
IOCSET(500kHz)
43.0
44.0
45.0
46.0
47.0
48.0
49.0
50.0
51.0
52.0
53.0
54.0
-40
-20
0
20406080
100
120
Temp[
oC]
FREQUENCY
450
460
470
480
490
500
510
520
530
540
550
-40
-20
0
20
40
60
80
100
120
Temp[
oC]
Icc(Standby)
150
170
190
210
230
250
270
290
-40
-20
0
20
40
60
80
100
120
Temp[
oC]
TYPICAL OPERATING CHARACTERISTICS (-40oC - 125oC) F
s=500 kHz
Vfb
686
691
696
701
706
711
-40
-20
0
20406080
100
120
Temp[
oC]
Ic(Dyn)
9.5
9.6
9.7
9.8
9.9
10.0
10.1
10.2
10.3
10.4
10.5
-40
-20
0
20406080
100
120
Temp[
oC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com