Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX3921 Datasheet(PDF) 32 Page - International Rectifier

Part # MCR03EZPFX3921
Description  HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX3921 Datasheet(HTML) 32 Page - International Rectifier

Back Button MCR03EZPFX3921 Datasheet HTML 26Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 27Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 28Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 29Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 30Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 31Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 32Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 33Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 34Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Rev 13.0
32
PD-97659
IR3842WMPbF
Solder Resist
It is recommended that the lead lands are Non Solder Mask Defined (NSMD). The solder
resist should be pulled away from the metal lead lands by a minimum of 0.025mm to ensure
NSMD pads.
The land pad should be Solder Mask Defined (SMD), with a minimum overlap of the solder
resist onto the copper of 0.05mm to accommodate solder resist mis-alignment.
Ensure that the solder resist in-between the lead lands and the pad land is ≥ 0.15mm due
to the high aspect ratio of the solder resist strip separating the lead lands from the pad land.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com