Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX3921 Datasheet(PDF) 31 Page - International Rectifier

Part # MCR03EZPFX3921
Description  HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX3921 Datasheet(HTML) 31 Page - International Rectifier

Back Button MCR03EZPFX3921 Datasheet HTML 26Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 27Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 28Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 29Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 30Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 31Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 32Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 33Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 34Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Rev 13.0
31
PD-97659
IR3842WMPbF
PCB Metal and Components Placement
Lead lands (the 11 IC pins) width should be equal to nominal part lead width. The
minimum lead to lead spacing should be ≥ 0.2mm to minimize shorting.
Lead land length should be equal to maximum part lead length + 0.3 mm outboard
extension. The outboard extension ensures a large and inspectable toe fillet.
Pad lands (the 4 big pads other than the 11 IC pins) length and width should be equal to
maximum part pad length and width. However, the minimum metal to metal spacing
should be no less than 0.17mm for 2 oz. Copper; no less than 0.1mm for 1 oz. Copper
and no less than 0.23mm for 3 oz. Copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com