Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX3921 Datasheet(PDF) 5 Page - International Rectifier

Part # MCR03EZPFX3921
Description  HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX3921 Datasheet(HTML) 5 Page - International Rectifier

  MCR03EZPFX3921 Datasheet HTML 1Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 2Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 3Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 4Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 5Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 6Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 7Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 8Page - International Rectifier MCR03EZPFX3921 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Rev 13.0
5
PD-97659
IR3842WMPbF
Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
TYP
MAX
Units
Power Loss
Power Loss
Ploss
Vcc=5V, Vin=12V, Vo=1.8V, Io=4A,
Fs=600kHz, L=1.5uH, Note4
0.64
W
MOSFET Rds(on)
Top Switch
Rds(on)_Top
VBoot -Vsw =5V, ID=6A, Tj=25
oC
24.5
34.0
Bottom Switch
Rds(on)_Bot
Vcc=5V, ID=6A, Tj=25
oC
14.3
19
m
Ω
Reference Voltage
Feedback Voltage
VFB
0.7
V
0
oC<Tj<125oC
-1.0
+1.0
Accuracy
-40
oC<Tj<125oC, Note3
-2.0
+2.0
%
Supply Current
VCC Supply Current
(Standby)
ICC(Standby)
SS=0V, No Switching, Enable low
500
μA
Vcc Supply Current (Dyn)
ICC(Dyn)
SS=3V, Vcc=5V, Fs=500kHz
Enable high
10
mA
Under Voltage Lockout
VCC-Start-Threshold
VCC_UVLO_Start
Vcc Rising Trip Level
3.95
4.15
4.35
VCC-Stop-Threshold
VCC_UVLO_Stop
Vcc Falling Trip Level
3.65
3.85
4.05
Enable-Start-Threshold
Enable_UVLO_Start
Supply ramping up
1.14
1.2
1.36
Enable-Stop-Threshold
Enable_UVLO_Stop
Supply ramping down
0.9
1.0
1.06
V
Enable leakage current
Ien
Enable=3.3V
15
μA
Electrical Specifications
Unless otherwise specified, these specification apply over 4.5V< V
cc<5.5V, Vin=12V, 0
oC<T
j< 125
oC.
Typical values are specified at T
a = 25
oC.
Symbol
Definition
Min
Max
Units
Vin
Input Voltage
1.5
16
Vcc
Supply Voltage
4.5
5.5
Boot to SW
Supply Voltage
4.5
5.5
Vo
Output Voltage
0.7
0.9*Vin
V
Io
Output Current
0
4
A
Fs
Switching Frequency
225
1650
kHz
Tj
Junction Temperature
-40
125
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com