Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLEX10KA Datasheet(PDF) 83 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 83 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 79Page - Altera Corporation FLEX10KA Datasheet HTML 80Page - Altera Corporation FLEX10KA Datasheet HTML 81Page - Altera Corporation FLEX10KA Datasheet HTML 82Page - Altera Corporation FLEX10KA Datasheet HTML 83Page - Altera Corporation FLEX10KA Datasheet HTML 84Page - Altera Corporation FLEX10KA Datasheet HTML 85Page - Altera Corporation FLEX10KA Datasheet HTML 86Page - Altera Corporation FLEX10KA Datasheet HTML 87Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 128 page
background image
Altera Corporation
83
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
All timing parameters are described in Tables 32 through 38 in this data sheet.
(2)
Using an LE to register the signal may provide a lower setup time.
(3)
This parameter is specified by characterization.
Tables 64 through 70 show EPF10K100 device internal and external timing
parameters.
Table 64. EPF10K100 Device LE Timing Microparameters
Note (1)
Symbol
-3DX Speed Grade
-3 Speed Grade
-4 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tLUT
1.5
1.5
2.0
ns
tCLUT
0.4
0.4
0.5
ns
tRLUT
1.6
1.6
2.0
ns
tPACKED
0.9
0.9
1.3
ns
tEN
0.9
0.9
1.2
ns
tCICO
0.2
0.2
0.3
ns
tCGEN
1.1
1.1
1.4
ns
tCGENR
1.2
1.2
1.5
ns
tCASC
1.1
1.1
1.3
ns
tC
0.8
0.8
1.0
ns
tCO
1.0
1.0
1.4
ns
tCOMB
0.5
0.5
0.7
ns
tSU
2.1
2.1
2.6
ns
tH
2.3
2.3
3.1
ns
tPRE
1.0
1.0
1.4
ns
tCLR
1.0
1.0
1.4
ns
tCH
4.0
4.0
4.0
ns
tCL
4.0
4.0
4.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com