Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLEX10KA Datasheet(PDF) 27 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 27 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 23Page - Altera Corporation FLEX10KA Datasheet HTML 24Page - Altera Corporation FLEX10KA Datasheet HTML 25Page - Altera Corporation FLEX10KA Datasheet HTML 26Page - Altera Corporation FLEX10KA Datasheet HTML 27Page - Altera Corporation FLEX10KA Datasheet HTML 28Page - Altera Corporation FLEX10KA Datasheet HTML 29Page - Altera Corporation FLEX10KA Datasheet HTML 30Page - Altera Corporation FLEX10KA Datasheet HTML 31Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 128 page
background image
Altera Corporation
27
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
For improved routing, the row interconnect is comprised of a combination
of full-length and half-length channels. The full-length channels connect
to all LABs in a row; the half-length channels connect to the LABs in half
of the row. The EAB can be driven by the half-length channels in the left
half of the row and by the full-length channels. The EAB drives out to the
full-length channels. In addition to providing a predictable, row-wide
interconnect, this architecture provides increased routing resources. Two
neighboring LABs can be connected using a half-row channel, thereby
saving the other half of the channel for the other half of the row.
Table 7 summarizes the FastTrack Interconnect resources available in
each FLEX 10K device.
In addition to general-purpose I/O pins, FLEX 10K devices have six
dedicated input pins that provide low-skew signal distribution across the
device. These six inputs can be used for global clock, clear, preset, and
peripheral output enable and clock enable control signals. These signals
are available as control signals for all LABs and IOEs in the device.
The dedicated inputs can also be used as general-purpose data inputs
because they can feed the local interconnect of each LAB in the device.
However, the use of dedicated inputs as data inputs can introduce
additional delay into the control signal network.
Table 7. FLEX 10K FastTrack Interconnect Resources
Device
Rows
Channels per
Row
Columns
Channels per
Column
EPF10K10
EPF10K10A
3
144
24
24
EPF10K20
6
144
24
24
EPF10K30
EPF10K30A
6
216
36
24
EPF10K40
8
216
36
24
EPF10K50
EPF10K50V
10
216
36
24
EPF10K70
9
312
52
24
EPF10K100
EPF10K100A
12
312
52
24
EPF10K130V
16
312
52
32
EPF10K250A
20
456
76
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com