Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLEX10KA Datasheet(PDF) 31 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 31 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 27Page - Altera Corporation FLEX10KA Datasheet HTML 28Page - Altera Corporation FLEX10KA Datasheet HTML 29Page - Altera Corporation FLEX10KA Datasheet HTML 30Page - Altera Corporation FLEX10KA Datasheet HTML 31Page - Altera Corporation FLEX10KA Datasheet HTML 32Page - Altera Corporation FLEX10KA Datasheet HTML 33Page - Altera Corporation FLEX10KA Datasheet HTML 34Page - Altera Corporation FLEX10KA Datasheet HTML 35Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 128 page
background image
Altera Corporation
31
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Each IOE selects the clock, clear, clock enable, and output enable controls
from a network of I/O control signals called the peripheral control bus.
The peripheral control bus uses high-speed drivers to minimize signal
skew across devices; it provides up to 12 peripheral control signals that
can be allocated as follows:
■
Up to eight output enable signals
■
Up to six clock enable signals
■
Up to two clock signals
■
Up to two clear signals
If more than six clock enable or eight output enable signals are required,
each IOE on the device can be controlled by clock enable and output
enable signals driven by specific LEs. In addition to the two clock signals
available on the peripheral control bus, each IOE can use one of two
dedicated clock pins. Each peripheral control signal can be driven by any
of the dedicated input pins or the first LE of each LAB in a particular row.
In addition, an LE in a different row can drive a column interconnect,
which causes a row interconnect to drive the peripheral control signal.
The chip-wide reset signal will reset all IOE registers, overriding any other
control signals.
Tables 8 and 9 list the sources for each peripheral control signal, and the
rows that can drive global signals. These tables also show how the output
enable, clock enable, clock, and clear signals share 12 peripheral control
signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com