Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLEX10KA Datasheet(PDF) 35 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 35 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 31Page - Altera Corporation FLEX10KA Datasheet HTML 32Page - Altera Corporation FLEX10KA Datasheet HTML 33Page - Altera Corporation FLEX10KA Datasheet HTML 34Page - Altera Corporation FLEX10KA Datasheet HTML 35Page - Altera Corporation FLEX10KA Datasheet HTML 36Page - Altera Corporation FLEX10KA Datasheet HTML 37Page - Altera Corporation FLEX10KA Datasheet HTML 38Page - Altera Corporation FLEX10KA Datasheet HTML 39Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 128 page
background image
Altera Corporation
35
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Figure 15. FLEX 10K Column-to-IOE Connections
Table 11 lists the FLEX 10K column-to-IOE interconnect resources.
Each IOE is driven by
an m-to-1 multiplexer.
Each IOE can drive up to
two column channels.
Column
Interconnect
n
n
m
m
n
IOE1
IOE1
The values for m and n are provided in Table 11.
Table 11. FLEX 10K Column-to-IOE Interconnect Resources
Device
Channels per Column (n)
Column Channel per Pin (m)
EPF10K10
EPF10K10A
24
16
EPF10K20
24
16
EPF10K30
EPF10K30A
24
16
EPF10K40
24
16
EPF10K50
EPF10K50V
24
16
EPF10K70
24
16
EPF10K100
EPF10K100A
24
16
EPF10K130V
32
24
EPF10K250A
40
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com