Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLEX10KA Datasheet(PDF) 20 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 20 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 16Page - Altera Corporation FLEX10KA Datasheet HTML 17Page - Altera Corporation FLEX10KA Datasheet HTML 18Page - Altera Corporation FLEX10KA Datasheet HTML 19Page - Altera Corporation FLEX10KA Datasheet HTML 20Page - Altera Corporation FLEX10KA Datasheet HTML 21Page - Altera Corporation FLEX10KA Datasheet HTML 22Page - Altera Corporation FLEX10KA Datasheet HTML 23Page - Altera Corporation FLEX10KA Datasheet HTML 24Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 128 page
background image
20
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Normal Mode
The normal mode is suitable for general logic applications and wide
decoding functions that can take advantage of a cascade chain. In normal
mode, four data inputs from the LAB local interconnect and the carry-in
are inputs to a four-input LUT. The Compiler automatically selects the
carry-in or the DATA3 signal as one of the inputs to the LUT. The LUT
output can be combined with the cascade-in signal to form a cascade chain
through the cascade-out signal. Either the register or the LUT can be used
to drive both the local interconnect and the FastTrack Interconnect at the
same time.
The LUT and the register in the LE can be used independently; this feature
is known as register packing. To support register packing, the LE has two
outputs; one drives the local interconnect and the other drives the
FastTrack Interconnect. The DATA4 signal can drive the register directly,
allowing the LUT to compute a function that is independent of the
registered signal; a three-input function can be computed in the LUT, and
a fourth independent signal can be registered. Alternatively, a four-input
function can be generated, and one of the inputs to this function can be
used to drive the register. The register in a packed LE can still use the clock
enable, clear, and preset signals in the LE. In a packed LE, the register can
drive the FastTrack Interconnect while the LUT drives the local
interconnect, or vice versa.
Arithmetic Mode
The arithmetic mode offers 2 three-input LUTs that are ideal for
implementing adders, accumulators, and comparators. One LUT
computes a three-input function, and the other generates a carry output.
As shown in Figure 9 on page 19, the first LUT uses the carry-in signal and
two data inputs from the LAB local interconnect to generate a
combinatorial or registered output. For example, in an adder, this output
is the sum of three signals: a, b, and carry-in. The second LUT uses the
same three signals to generate a carry-out signal, thereby creating a carry
chain. The arithmetic mode also supports simultaneous use of the cascade
chain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com