Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR321GFVT-E2 Datasheet(PDF) 22 Page - Rohm

Part # LMR321GFVT-E2
Description  Ground sense Low Power General Purpose Operational amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR321GFVT-E2 Datasheet(HTML) 22 Page - Rohm

Back Button LMR321GFVT-E2 Datasheet HTML 18Page - Rohm LMR321GFVT-E2 Datasheet HTML 19Page - Rohm LMR321GFVT-E2 Datasheet HTML 20Page - Rohm LMR321GFVT-E2 Datasheet HTML 21Page - Rohm LMR321GFVT-E2 Datasheet HTML 22Page - Rohm LMR321GFVT-E2 Datasheet HTML 23Page - Rohm LMR321GFVT-E2 Datasheet HTML 24Page - Rohm LMR321GFVT-E2 Datasheet HTML 25Page - Rohm LMR321GFVT-E2 Datasheet HTML 26Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200560-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
22/38
30.NOV.2012 Rev.001
TSZ22111・15・001
LMR321G, LMR358xxx, LMR324xxx
○LMR324
(*)The data above is measurement value of typical sample, it is not guaranteed.
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
0
100
200
300
400
500
600
23
45
6
SUPPLY VOLTAGE [V]
0
200
400
600
800
1000
1200
0
255075
100
125
AMBIENT TEMPERATURE [℃]
Figure 51.
Supply Current – Supply Voltage
Figure 50.
Derating curve
LMR324FJ
Figure 53.
Maximum Output Voltage(High)
– Supply Voltage
(RL=2 k
Ω)
Figure 52.
Supply Current – Ambient Temperature
-40℃
25℃
2.7V
5.5V
5.0V
0
1
2
3
4
5
6
234
56
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
85℃
LMR324FV
LMR324FVJ
LMR324F
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com