Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR321GFVT-E2 Datasheet(PDF) 23 Page - Rohm

Part # LMR321GFVT-E2
Description  Ground sense Low Power General Purpose Operational amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR321GFVT-E2 Datasheet(HTML) 23 Page - Rohm

Back Button LMR321GFVT-E2 Datasheet HTML 19Page - Rohm LMR321GFVT-E2 Datasheet HTML 20Page - Rohm LMR321GFVT-E2 Datasheet HTML 21Page - Rohm LMR321GFVT-E2 Datasheet HTML 22Page - Rohm LMR321GFVT-E2 Datasheet HTML 23Page - Rohm LMR321GFVT-E2 Datasheet HTML 24Page - Rohm LMR321GFVT-E2 Datasheet HTML 25Page - Rohm LMR321GFVT-E2 Datasheet HTML 26Page - Rohm LMR321GFVT-E2 Datasheet HTML 27Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200560-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
23/38
30.NOV.2012 Rev.001
TSZ22111・15・001
LMR321G, LMR358xxx, LMR324xxx
0
20
40
60
80
100
120
23
45
6
SUPPLY VOLTAGE [V]
○LMR324
(*)The data above is measurement value of typical sample, it is not guaranteed.
0
20
40
60
80
100
120
-50
-25
0
255075
100
AMBIENT TEMPERATURE [℃]
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
Figure 54.
Maximum Output Voltage(High)
– Ambient Temperature
(RL=2k
Ω)
Figure 55.
Maximum Output Voltage(Low)
– Supply Voltage
(RL=2k
Ω)
Figure 56.
Maximum Output Voltage(Low)
– Ambient Temperature
(RL=2k
Ω)
Figure 57.
Output Source Current – Output Voltage
(VDD=5V)
2.7V
5.5V
5.0V
-40℃
25℃
85℃
2.7V
5.0V
5.5V
0
20
40
60
80
100
01
23
45
OUTPUT VOLTAGE [V]
-40℃
85℃
25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com