Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR321GFVT-E2 Datasheet(PDF) 32 Page - Rohm

Part # LMR321GFVT-E2
Description  Ground sense Low Power General Purpose Operational amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR321GFVT-E2 Datasheet(HTML) 32 Page - Rohm

Back Button LMR321GFVT-E2 Datasheet HTML 28Page - Rohm LMR321GFVT-E2 Datasheet HTML 29Page - Rohm LMR321GFVT-E2 Datasheet HTML 30Page - Rohm LMR321GFVT-E2 Datasheet HTML 31Page - Rohm LMR321GFVT-E2 Datasheet HTML 32Page - Rohm LMR321GFVT-E2 Datasheet HTML 33Page - Rohm LMR321GFVT-E2 Datasheet HTML 34Page - Rohm LMR321GFVT-E2 Datasheet HTML 35Page - Rohm LMR321GFVT-E2 Datasheet HTML 36Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200560-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
32/38
30.NOV.2012 Rev.001
TSZ22111・15・001
LMR321G, LMR358xxx, LMR324xxx
0
200
400
600
800
1000
1200
0
255075
100
125
AMBIENT TEMPERATURE [℃]
0
200
400
600
800
1000
1200
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
0
200
400
600
800
1000
1200
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
(c) LMR321
(d) LMR358
LMR358F(*21)
LMR358FJ(*22)
LMR358FV /FVT(*23)
LMR321G(*20)
LMR324FJ(*25)
LMR324FV(*26)
LMR324FVJ(*27)
(b) Derating curve
●Power Dissipation
Power dissipation (total loss) indicates the power that can be consumed by IC at Ta=25℃(normal temperature). IC is heated
when it consumed power, and the temperature of IC ship becomes higher than ambient temperature. The temperature that
can be accepted by IC chip depends on circuit configuration, manufacturing process, and consumable power is limited.
Power dissipation is determined by the temperature allowed in IC chip (maximum junction temperature) and thermal
resistance of package (heat dissipation capability).The maximum junction temperature is typically equal to the maximum
value in the storage package (heat dissipation capability).The maximum junction temperature is typically equal to the
maximum value in the storage temperature range. Heat generated by consumed power of IC radiates from the mold resin or
lead frame of the package. The parameter which indicates this heat dissipation capability (hardness of heat release) is called
thermal resistance, represented by the symbol
θja℃/W. The temperature of IC inside the package can be estimated by this
thermal resistance. Figure 83. (a) shows the model of thermal resistance of the package. Thermal resistance
θja, ambient
temperature Ta, maximum junction temperature Tjmax, and power dissipation Pd can be calculated by the equation below:
θja = (Tjmax-Ta) / Pd
℃/W
・・・・・
(Ⅰ)
Derating curve in Figure 83. (b) indicates power that can be consumed by IC with reference to ambient temperature. Power
that can be consumed by IC begins to attenuate at certain ambient temperature. This gradient iis determined by thermal
resistance
θja. Thermal resistance θja depends on chip size, power consumption, package, ambient temperature, package
condition, wind velocity, etc even when the same of package is used. Thermal reduction curve indicates a reference value
measured at a specified condition. Figure 84 (c)-(e) show a derating curve for an example LMR321, LMR358, LMR324.
(*20)
(*21)
(*22)
(*23)
(*24)
(*25)
(*26)
(*27)
(*28)
Unit
5.4
5.52
5.4
5.0
4.7
8.2
7.0
6.8
4.5
mW/℃
When using the unit above Ta=25℃, subtract the value above per degree℃. Permissible dissipation is the value.
When FR4 glass epoxy board 70mm×70mm×1.6mm (cooper foil area below 3%) is mounted.
Figure 83. Thermal resistance and derating
Figure 84. Thermal resistance and derating
(e) LMR324
LMR358FVM/ FVJ(*24)
LMR324F (*28)
(a) Thermal resistance
0
50
75
100
125
150
25
P1
P2
Pd (max)
LSI
の消費電力 [W]
θ' ja2
θ' ja1
Tj ' (max)
θja2 < θja1
周囲温度 Ta [℃ ]
θ ja2
θ ja1
Tj (max)
Power dissipation of LSI [W]
Ambient temperature Ta [℃]
周囲温度 Ta [℃]
チップ 表面温度 Tj [℃]
消費電力 P [W]
Ambient temperature Ta [℃]
Chip surface temperature Tj [℃]
Power dissipation Pd [W]
θja=(Tjmax-Ta)/Pd ℃/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com