Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR321GFVT-E2 Datasheet(PDF) 33 Page - Rohm

Part # LMR321GFVT-E2
Description  Ground sense Low Power General Purpose Operational amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR321GFVT-E2 Datasheet(HTML) 33 Page - Rohm

Back Button LMR321GFVT-E2 Datasheet HTML 29Page - Rohm LMR321GFVT-E2 Datasheet HTML 30Page - Rohm LMR321GFVT-E2 Datasheet HTML 31Page - Rohm LMR321GFVT-E2 Datasheet HTML 32Page - Rohm LMR321GFVT-E2 Datasheet HTML 33Page - Rohm LMR321GFVT-E2 Datasheet HTML 34Page - Rohm LMR321GFVT-E2 Datasheet HTML 35Page - Rohm LMR321GFVT-E2 Datasheet HTML 36Page - Rohm LMR321GFVT-E2 Datasheet HTML 37Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200560-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
33/38
30.NOV.2012 Rev.001
TSZ22111・15・001
LMR321G, LMR358xxx, LMR324xxx
●Operational Notes
1) Processing of unused circuit
It is recommended to apply connection (see the Figure 85.) and set the non
inverting input terminal at the potential within input common-mode voltage range
(Vicm), for any unused circuit.
2) Applied voltage to the input terminal
For normal circuit operation of voltage comparator, please input voltage for its
input terminal within input common mode voltage VDD + 0.3V. Then, regardless of
power supply voltage, VSS-0.3V can be applied to input terminals without deterioration
or destruction of its characteristics.
3) Short-circuit of output terminal
When output terminal and VDD or VSS terminal are shorted, excessive Output
current may flow under some conditions, and heating may destroy IC. It is
necessary to connect a resistor as shown in Figure 86, thereby protecting against
load shorting.
4) Operating power supply (split power supply/single power supply)
The voltage comparator operates if a given level of voltage is applied between
VDD and VSS. Therefore, the operational amplifier can be operated under
single power supply or split power supply.
5) Power dissipation (pd)
If the IC is used under excessive power dissipation. An increase in the chip
temperature will cause deterioration of the radical characteristics of IC. For example,
reduction of current capability. Take consideration of the effective power dissipation
and thermal design with a sufficient margin. Pd is reference to the provided power
dissipation curve.
6) Short circuits between pins and incorrect mounting
Short circuits between pins and incorrect mounting when mounting the IC on a printed circuits board, take notice of the
direction and positioning of the IC. If IC is mounted erroneously, It may be damaged. Also, when a foreign object is
inserted between output, between output and VDD terminal and VSS terminal which causes short circuit, the IC may be
damaged.
7) Using under strong electromagnetic field
Be careful when using the IC under strong electromagnetic field because it may malfunction.
8) Usage of IC
When stress is applied to the IC through warp of the printed circuit board, The characteristics may fluctuate due to the
piezo effect. Be careful of the warp of the printed circuit board.
9) Testing IC on the set board
When testing IC on the set board, in cases where the capacitor is connected to the low impedance, make sure to
discharge per fabrication because there is a possibility that IC may be damaged by stress. When removing IC from the set
board, it is essential to cut supply voltage. As a countermeasure against the static electricity, observe proper grounding
during fabrication process and take due care when carrying and storage it.
10) The IC destruction caused by capacitive load
The transistors in circuits may be damaged when VDD terminal and VSS terminal is shorted with the charged output
terminal capacitor.When IC is used as a operational amplifier or as an application circuit, where oscillation is not activated
by an output capacitor, the output capacitor must be kept below 0.1
μF in order to prevent the damage mentioned above.
11) Latch up
Be careful of input voltage that exceed the VDD and VSS. When CMOS device have sometimes occur latch up operation.
And protect the IC from abnormaly noise
12) Decupling capacitor
Insert the decupling capacitance between VDD and VSS, for stable operation of operational amplifier.
Status of this document
The Japanese version of this document is formal specification. A customer may use this translation version only for a reference
to help reading the formal version.
If there are any differences in translation version of this document formal version takes priority.
Connect
to Vicm
VCC
VEE
Vicm
-
+
application circuit for unused op-amp
Figure 85. The example of
Figure 86. The example of
output short protection
VEE
VCC
+
-
protection
resistor
VSS
VDD
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com