Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR321GFVT-E2 Datasheet(PDF) 28 Page - Rohm

Part # LMR321GFVT-E2
Description  Ground sense Low Power General Purpose Operational amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR321GFVT-E2 Datasheet(HTML) 28 Page - Rohm

Back Button LMR321GFVT-E2 Datasheet HTML 24Page - Rohm LMR321GFVT-E2 Datasheet HTML 25Page - Rohm LMR321GFVT-E2 Datasheet HTML 26Page - Rohm LMR321GFVT-E2 Datasheet HTML 27Page - Rohm LMR321GFVT-E2 Datasheet HTML 28Page - Rohm LMR321GFVT-E2 Datasheet HTML 29Page - Rohm LMR321GFVT-E2 Datasheet HTML 30Page - Rohm LMR321GFVT-E2 Datasheet HTML 31Page - Rohm LMR321GFVT-E2 Datasheet HTML 32Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200560-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
28/38
30.NOV.2012 Rev.001
TSZ22111・15・001
LMR321G, LMR358xxx, LMR324xxx
●Application Information
NULL method condition for Test Circuit 1
VDD, VSS, EK, Vicm Unit:V
Parameter
VF
S1
S2
S3
VDD
VSS
EK
Vicm
Calculation
Input Offset Voltage
VF1
ON
ON
OFF
5
0
-2.5
2.1
1
Large Signal Voltage Gain
VF2
ON
ON
ON
5
0
-1.5
2.1
2
VF3
-3.5
Common-mode Rejection Ratio
(Input Common-mode Voltage Range)
VF4
ON
ON
OFF
5
0
-1.5
0
3
VF5
1.8
Power Supply Rejection Ratio
VF6
ON
ON
OFF
3
0
-2.9
4
4
VF7
5
- Calculation-
1. Input Offset Voltage (Vio)
2. Large Signal Voltage Gain(Av)
3. Common-mode Rejection Ratio (CMRR)
4. Power Supply Rejection Ratio (PSRR)
Figure 74. Test circuit 1 (one channel only)
Vio
|VF1|
=
1+RF/RS
[V]
Av
|VF2-VF3|
=
2 × (1+RF/RS)
[dB]
20Log
CMRR
|VF4 - VF5|
=
1.8 × (1+RF/RS) [dB]
20Log
PSRR
|VF6 - VF7|
=
3.8 × (1+ RF/RS)
[dB]
20Log
VDD
RF=50kΩ
Ri=1MΩ
0.015µF
RS=50Ω
RL
SW2
500kΩ
500kΩ
0.01µF
EK
15V
DUT
VSS
VRL
50kΩ
Vicm
SW1
0.015µF
Ri=1MΩ
Vo
VF
RS=50Ω
1000pF
0.1µF
-15V
NULL
SW3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com