Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ32GP302TH/SP Datasheet(PDF) 306 Page - Microchip Technology

Part # DSPIC33FJ32GP302TH/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP302TH/SP Datasheet(HTML) 306 Page - Microchip Technology

Back Button DSPIC33FJ32GP302TH/SP Datasheet HTML 302Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 303Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 304Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 305Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 306Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 307Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 308Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 309Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 310Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 403 page
background image
TABLE 27-3:
CODE FLASH SECURITY SEGMENT SIZES FOR 32 KB DEVICES
CONFIG BITS
BSS<2:0> = x11 0K
BSS<2:0> = x10 1K
BSS<2:0> = x01 4K
BSS<2:0> = x00 8K
SSS<2:0> = x11
0K
0x0057FEh
0x003FFEh
0x004000h
0x0001FEh
0x000200h
0x000000h
VS = 256 IW
0x0007FEh
0x000800h
0x001FFEh
0x002000h
GS = 11008 IW
0x0157FEh
0x0057FEh
0x003FFEh
0x004000h
0x0001FEh
0x000200h
0x000000h
VS = 256 IW
0x0007FEh
0x000800h
0x001FFEh
0x002000h
0x0157FEh
GS = 10240 IW
BS = 768 IW
VS = 256 IW
GS = 7168 IW
BS = 3840 IW
0x0057FEh
0x003FFEh
0x004000h
0x0001FEh
0x000200h
0x000000h
0x0007FEh
0x000800h
0x001FFEh
0x002000h
0x0157FEh
VS = 256 IW
GS = 3072 IW
BS = 7936 IW
0x0057FEh
0x003FFEh
0x004000h
0x0001FEh
0x000200h
0x000000h
0x0007FEh
0x000800h
0x001FFEh
0x002000h
0x0157FEh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com