Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GETINFOBRIEF Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # GETINFOBRIEF
Description  MC3PHAC Monolithic Intelligent Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GETINFOBRIEF Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button GETINFOBRIEF Datasheet HTML 18Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 19Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 20Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 21Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 22Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 23Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 24Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 25Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
22
Freescale Semiconductor
Operation
exception to this rule is that PC master software allows reading locations $0001, $0036 and $FE01, which
are PORTB data register, Dead Time register and SIM Reset Status registers respectively. The
addresses for the WRITEVARx commands are checked for validity, and the data field is also limited to a
valid range for each variable. See Table 6 for a list of valid data values and valid write addresses.
User interface variables and their associated PC master software addresses within the MC3PHAC are
listed in Table 6.
Table 6. User Interface Variables for Use with PC Master Software
Name
Address
Read/
Write
Size
(Bytes)
Description
Valid Data
Commanded direction
$1000
W
1
Determines whether the motor should
go forward, reverse, or stop
Forward — $10
Reverse — $11
Stop — $20
Command reset
$1000
W
1
Forces the MC3PHAC to perform an
immediate reset
$30
Commanded PWM
frequency(1)
$1000
W
1
Specifies the frequency of the
MC3PHAC PWM frequency
5.3 kHz — $41
10.6 kHz — $42
15.9 kHz — $44
21.1 kHz — $48
Measured PWM
period
$00A8
R
2
The modulus value supplied to the
PWM generator used by the
MC3PHAC — value is multiplied by
250 ns to obtain PWM period
$00BD–$05E8
Commanded PWM
polarity(2), (3), (4)
$1000
W
1
Specifies the polarity of the MC3PHAC
PWM outputs. This is a write once
parameter after reset.
Example: $50 = Bottom and top PWM
outputs are positive polarity.
B + T + $50
B + T – $54
B – T + $58
B – T – $5C
Dead time(2), (3), (4)
$0036
R/W
1
Specifies the dead time used by the
PWM generator.
Dead time = Value * 125 ns.
This is a write-once parameter.
$00–$FF
Base frequency(3)
$1000
W
1
Specifies the motor frequency at which
full voltage is applied
60 Hz — $60
50 Hz — $61
Acceleration(3)
$0060
R/W
2
Acceleration in Hz/sec (7.9 format)(8)
$0000–$7FFF
Commanded motor
frequency(3)
$0062
R/W
2
Commanded frequency in Hz.
(8.8 format)(9)
$0000–$7FFF
Actual frequency
$0085
R
2
Actual frequency in Hz. (8.8 format)(9)
$0000–$7FFF
Status(7)
$00C8
R
1
Status byte
$00–$FF
Voltage boost
$006C
R/W
1
0 Hz voltage.
%Voltage boost = Value/$FF
$00–$FF
Modulation index
$0091
R
1
Voltage level (motor waveform
amplitude percent assuming no bus
ripple compensation)
Modulation index = value/$FF
$00–$FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com