Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GETINFOBRIEF Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # GETINFOBRIEF
Description  MC3PHAC Monolithic Intelligent Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GETINFOBRIEF Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button GETINFOBRIEF Datasheet HTML 19Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 20Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 21Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 22Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 23Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 24Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 25Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 26Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Operation
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
Freescale Semiconductor
23
Maximum voltage
$0075
R/W
1
Maximum allowable modulation index
value
%Maximum voltage = value/$FF
$00–$FF
VBus voltage
(5), (10)
$0079
R
2
DC bus voltage reading
$000–$3FF
Fault timeout
$006A
R/W
2
Specifies the delay time after a fault
condition before re-enabling the
motor.
Fault timeout = value * 0.262 sec
$0000–$FFFF
Fault timer
$006D
R
2
Real-time display of the fault timer
Elapsed fault time = value * 0.262 sec
$0000–$FFFF
VBus decel value
(10)
$00C9
R/W
2
VBus readings above this value result in
reduced deceleration.
$0000–$03FF
VBus RBRAKE
value(10)
$0064
R/W
2
VBus readings above this value result in
the RBRAKE pin being asserted.
$0000–$03FF
VBus brownout
value(10)
$0066
R/W
2
VBus readings below this value result in
an under voltage fault.
$0000–$03FF
VBus over voltage
value(10)
$0068
R/W
2
VBus readings above this value result in
an over voltage fault.
$0000–$03FF
Speed in ADC
value(5)
$0095
R
2
Left justified 10-bit ADC reading of the
SPEED input pin.
$0000–$FFC0
Setup(7)
$00AE
R
1
Bit field indicating which setup
parameters have been initialized
before motion is permitted
$E0–$FF
Switch in(7)
$0001
R
1
Bit field indicating the current state of
the start/stop and forward/reverse
switches
$00–$FF
Reset status(6), (7)
$FE01
R
1
Indicates cause of the last reset
$00–$FF
Version
$EE00
R
4
MC3PHAC version
ASCII field
1. The commanded PWM frequency cannot be written until the PWM outputs exit the high-impedance state. The default PWM
frequency is 15.873 kHz.
2. The PWM output pins remain in a high-impedance state until this parameter is specified.
3. This parameter must be specified before motor motion can be initiated by the MC3PHAC.
4. This is a write-once parameter. The first write to this address will execute normally. Further attempts at writing this
parameter will result in an illegal operation response from the MC3PHAC.
5. The value of this parameter is not valid until the PWM outputs exit the high-impedance state.
6. The data in this field is only valid for one read. Further reads will return a value of $00.
7. See register bit descriptions following this table.
8. Acceleration is an unsigned value with the upper seven bits range of $00 to $7F = acceleration value of 0 to
127 Hertz/second. The lower nine bits constitute the fractional portion of the acceleration parameter. Its range is $000 to
$1FF which equals 0 to ~1. Therefore, the range of acceleration is 0 to 127.99 Hertz/second.
9. Commanded motor frequency and actual frequency are signed values with the upper byte range of
$00 to $7F = frequency of 0 to 127 Hz. The lower byte is the fractional portion of the frequency. Its range is $00 to $FF
which equals 0 to ~1.
10. VBus is the voltage value applied to the DC_BUS analog input pin. The analog-to-digital converter is a 10-bit converter with
a 5 volt full scale input. The value is equal to the voltage applied to the DC_BUS input pin/VREF * $03FF.
Table 6. User Interface Variables for Use with PC Master Software (Continued)
Name
Address
Read/
Write
Size
(Bytes)
Description
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com