Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GETINFOBRIEF Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # GETINFOBRIEF
Description  MC3PHAC Monolithic Intelligent Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GETINFOBRIEF Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button GETINFOBRIEF Datasheet HTML 28Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 29Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 30Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 31Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 32Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 33Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 34Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 35Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 36Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
32
Freescale Semiconductor
Optoisolated RS232 Interface Application Example
shifting from the PC to the MC3PHAC’s serial port. An RS-232 line receiver, such as an MC1489, serves
the same purpose without the optoisolation function.
To send data from the MC3PHAC to the PC’s serial port input, it is necessary to satisfy the PC’s receive
data (RxD) input requirements. In an idle condition, the RxD input to the PC must be at Mark
(–3 to –25 volts). The data terminal ready output (DTR) on the PC outputs a Mark when the port is
initialized. The request to send (RTS) output is set to a Space (+3 to +25 volts) when the PC’s serial port
is initialized. Because the interface is half-duplex, the PC’s TxD output is also at a Mark, as it is idle. The
idle state of the MC3PHAC’s serial port output is a logic 1. The logic 1 out of the MC3PHAC’s serial port
output port forces the diode in U2 to be turned off. With the diode in U2 turned off, the transistor in U2 is
also turned off. The junction of D2 and D3 are at a Mark (–3 to –25 volts). With the transistor in U2 turned
off, the input is pulled to a Mark through current limiting resistor R3, satisfying the PC’s serial input in an
idle condition. When a start bit is sent from the MC3PHAC’s serial port, it transitions to a logic 0. That logic
0 turns on the diode in U2, thus turning on the transistor in U2. The conducting transistor in U2 passes
the voltage output from the PC’s RTS output, that is now at a Space (+3 to +25 volts), to the PC’s receive
data (RxD) input. Capacitor C1 is a bypass capacitor used to stiffen the Mark signal. The output half of
the circuit provides output isolation, signal inversion, and level shifting from the MC3PHAC’s serial output
port to the PC’s serial port. An RS-232 line driver, such as a MC1488, serves the same purpose without
the optoisolation function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com