Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GETINFOBRIEF Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # GETINFOBRIEF
Description  MC3PHAC Monolithic Intelligent Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GETINFOBRIEF Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button GETINFOBRIEF Datasheet HTML 22Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 23Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 24Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 25Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 26Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 27Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 28Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 29Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
26
Freescale Semiconductor
Operation
Address: $0001
76
54
321
0
R
START/
STOP
FWD/
REVERSE
FAULT
OUT
RESISTOR
BRAKE
W
Reset
U
U
UUU
0
U
U
= Unimplemented or Reserved
U = Unaffected
Figure 16. Switch In Register
Table 9. Switch In Register Field Descriptions
Field
Description
6
START/
STOP
START/STOP Bit — This read-only bit indicates the state of the START input pin.
0 The START input pin is at a logic 0.
1 The START input pin is at a logic 1.
5
FWD/
REVERSE
FWD/REVERSE Bit — This read-only bit indicates the state of the FWD input pin.
0The FWD input pin is at a logic 0
1The FWD input pin is at a logic 1
3
FAULT
OUT
FAULT OUT Bit — This read-only bit indicates the state of the DT_FAULTOUT output pin.
0 The DT_FAULTOUT output pin is indicating a fault condition.
1 The DT_FAULTOUT output pin is indicating no fault condition.
2
RESISTOR
BRAKE
RESISTIVE BRAKE Bit — This read-only bit indicates the state of resistive brake pin (RBRAKE).
0 The RBRAKE output pin in inactive and no braking is in progress.
1 The RBRAKE output pin in active. Braking is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com