Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GETINFOBRIEF Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # GETINFOBRIEF
Description  MC3PHAC Monolithic Intelligent Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GETINFOBRIEF Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button GETINFOBRIEF Datasheet HTML 21Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 22Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 23Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 24Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 25Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 26Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 27Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 28Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Operation
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
Freescale Semiconductor
25
Address: $00AE
7
6
5
4
321
0
R
BASE
FREQUENCY
SET
SPEED
SET
ACCELERATION
SET
POLARITY
SET
DEAD TIME
SET
W
Reset
111
0
0
0
0
0
= Unimplemented or Reserved
Figure 15. Setup Register
Table 8. Setup Register Field Descriptions
Field
Description
4
BASE
FREQUENCY
SET
BASE FREQUENCY SET Bit — This read-only bit indicates if the base frequency parameter has
been set.
0 Base frequency parameter has not been set.
1 Base frequency parameter has been set.
3
SPEED
SET
SPEED SET Bit — This read-only bit indicates if the speed parameter has been set.
0 Speed parameter has not been set.
1 Speed parameter has been set.
2
ACCELERA-
TION SET
ACCELERATION SET Bit — This read-only bit indicates if the acceleration rate parameter has
been set.
0 Acceleration rate parameter has not been set.
1 Acceleration rate parameter has been set.
1
POLARITY
SET
POLARITY SET Bit — This read-only bit indicates if the PWM polarity parameters has been set.
0 PWM polarity parameters has not been set.
1 PWM polarity parameters has been set.
0
DEAD TIME
SET
DEAD TIME SET Bit — This read-only bit indicates if the dead time parameter has been set.
0 Dead time parameter has not been set.
1 Dead time parameter has been set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com