Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR381ART Datasheet(PDF) 6 Page - Analog Devices

Part # ADR381ART
Description  Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR381ART Datasheet(HTML) 6 Page - Analog Devices

Back Button ADR381ART Datasheet HTML 2Page - Analog Devices ADR381ART Datasheet HTML 3Page - Analog Devices ADR381ART Datasheet HTML 4Page - Analog Devices ADR381ART Datasheet HTML 5Page - Analog Devices ADR381ART Datasheet HTML 6Page - Analog Devices ADR381ART Datasheet HTML 7Page - Analog Devices ADR381ART Datasheet HTML 8Page - Analog Devices ADR381ART Datasheet HTML 9Page - Analog Devices ADR381ART Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADR380/ADR381
Rev. C | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
2.042
2.044
2.046
2.048
2.050
2.052
2.054
SAMPLE 1
SAMPLE 2
SAMPLE 3
35
10
–15
–40
85
60
Figure 2. ADR380 Output Voltage vs. Temperature
TEMPERATURE (°C)
2.494
2.496
2.498
2.500
2.502
2.504
2.506
SAMPLE 1
SAMPLE 2
SAMPLE 3
–40
–15
10
35
60
85
Figure 3. ADR381 Output Voltage vs. Temperature
PPM (°C)
0
5
10
15
20
25
30
TOTAL NUMBER
OF DEVICES = 130
TEMPERATURE +25°C
–40°C
+85°C
+25°C
–11 –9 –7 –5 –3 –1
1
3
5
7
9
11 13 15 17 19
Figure 4. ADR380 Output Voltage Temperature Coefficient
PPM (°C)
0
10
20
30
40
50
60
TOTAL NUMBER
OF DEVICES IN
SAMPLE = 450
TEMPERATURE +25°C
–40°C
+85°C
+25°C
–11
–13
–15
–9 –7 –5 –3 –1
1357
9
11 13 15
Figure 5. ADR381 Output Voltage Temperature Coefficient
INPUT VOLTAGE (V)
2.5
5.0
7.5
10.0
12.5
15.0
+85°C
–40°C
+25°C
0
20
40
80
100
120
140
60
Figure 6. ADR380 Supply Current vs. Input Voltage
INPUT VOLTAGE (V)
2.5
5.0
7.5
10.0
12.5
15.0
+85°C
+25°C
0
20
40
80
100
120
140
60
–40°C
Figure 7. ADR381 Supply Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com