Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR381ART Datasheet(PDF) 11 Page - Analog Devices

Part # ADR381ART
Description  Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR381ART Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR381ART Datasheet HTML 7Page - Analog Devices ADR381ART Datasheet HTML 8Page - Analog Devices ADR381ART Datasheet HTML 9Page - Analog Devices ADR381ART Datasheet HTML 10Page - Analog Devices ADR381ART Datasheet HTML 11Page - Analog Devices ADR381ART Datasheet HTML 12Page - Analog Devices ADR381ART Datasheet HTML 13Page - Analog Devices ADR381ART Datasheet HTML 14Page - Analog Devices ADR381ART Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADR380/ADR381
Rev. C | Page 11 of 16
THEORY OF OPERATION
Band gap references are the high performance solution for low
supply voltage and low power voltage reference applications, and
the ADR380/ADR381 are no exception. However, the uniqueness
of this product lies in its architecture. As shown in Figure 26,
the ideal zero TC band gap voltage is referenced to the output,
not to ground. The band gap cell consists of the PNP pair Q51
and Q52, running at unequal current densities. The difference
in VBE results in a voltage with a positive TC that is amplified
by the ratio of 2 × R58/R54. This PTAT voltage, combined with
the VBE of Q51 and Q52, produce the stable band gap voltage.
Reduction in the band gap curvature is performed by the ratio
of the two resistors, R44 and R59. Precision laser trimming and
other patented circuit techniques are used to further enhance
the drift performance.
GND
VOUT
VIN
Q1
R59
R54
Q51
R60
R61
R48
R49
R44
R58
R53
Q52
–
+
Figure 26. Simplified Schematic
DEVICE POWER DISSIPATION CONSIDERATIONS
The ADR380/ADR381 are capable of delivering load currents to
5 mA with an input voltage that ranges from 2.8 V (ADR381 only)
to 15 V. When this device is used in applications with large input
voltages, take care to avoid exceeding the specified maximum
power dissipation or junction temperature that may result in
premature device failure. Use the following formula to calculate
a device’s maximum junction temperature or dissipation:
JA
A
J
D
T
T
P
θ
−
=
where:
PD is the device power dissipation,
TJ and TA are junction and ambient temperatures, respectively.
θJA is the device package thermal resistance.
INPUT CAPACITOR
An input capacitor is not required on the ADR380/ADR381.
There is no limit for the value of the capacitor used on the input,
but a capacitor on the input improves transient response in
applications where the load current suddenly increases.
OUTPUT CAPACITOR
The ADR380/ADR381 do not need an output capacitor for
stability under any load condition. Using an output capacitor,
typically 0.1 μF, removes any very low level noise voltage and does
not affect the operation of the part. The only parameter that
degrades by applying an output capacitor is turn-on time. (This
varies depending on the size of the capacitor.) Load transient
response is also improved with an output capacitor, which acts
as a source of stored energy for a sudden increase in load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com