Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR381ART Datasheet(PDF) 12 Page - Analog Devices

Part # ADR381ART
Description  Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR381ART Datasheet(HTML) 12 Page - Analog Devices

Back Button ADR381ART Datasheet HTML 8Page - Analog Devices ADR381ART Datasheet HTML 9Page - Analog Devices ADR381ART Datasheet HTML 10Page - Analog Devices ADR381ART Datasheet HTML 11Page - Analog Devices ADR381ART Datasheet HTML 12Page - Analog Devices ADR381ART Datasheet HTML 13Page - Analog Devices ADR381ART Datasheet HTML 14Page - Analog Devices ADR381ART Datasheet HTML 15Page - Analog Devices ADR381ART Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADR380/ADR381
Rev. C | Page 12 of 16
APPLICATIONS INFORMATION
STACKING REFERENCE ICs FOR ARBITRARY
OUTPUTS
Some applications may require two reference voltage sources,
which are a combined sum of standard outputs. The following
circuit shows how this stacked output reference can be
implemented:
GND
VOUT
VIN
3
GND
VOUT
VIN
C2
1µF
C1
0.1µF
C3
0.1µF
C4
1µF
3
R1
3.9k
Ω
VOUT2
VOUT1
2
2
1
1
VIN
U2
ADR380/
ADR381
U1
ADR380/
ADR381
Figure 27. Stacking Voltage References with the ADR380/ADR381
Two ADR380s or ADR381s are used; the outputs of the individ-
ual references are simply cascaded to reduce the supply current.
Such configuration provides two output voltages: VOUT1 and
VOUT2. VOUT1 is the terminal voltage of U1, while VOUT2 is the
sum of this voltage and the terminal voltage of U2. U1 and U2
can be chosen for the two different voltages that supply the
required outputs.
While this concept is simple, a precaution is in order. Because
the lower reference circuit must sink a small bias current from
U2, plus the base current from the series PNP output transistor
in U2, the external load of either U1 or R1 must provide a path
for this current. If the U1 minimum load is not well-defined,
Resistor R1 should be used, set to a value that conservatively
passes 600 μA of current with the applicable VOUT1 across it. Note
that the two U1 and U2 reference circuits are locally treated as
macrocells, each having its own bypasses at input and output for
optimum stability. Both U1 and U2 in this circuit can source dc
currents up to their full rating. The minimum input voltage, VIN, is
determined by the sum of the outputs, VOUT2, plus the 300 mV
dropout voltage of U2.
A NEGATIVE PRECISION REFERENCE WITHOUT
PRECISION RESISTORS
In many current-output CMOS DAC applications where the
output signal voltage must be of the same polarity as the
reference voltage, it is often required to reconfigure a current-
switching DAC into a voltage-switching DAC through the use
of a 1.25 V reference, an op amp, and a pair of resistors. Using
a current switching DAC directly requires an additional opera-
tional amplifier at the output to reinvert the signal. A negative
voltage reference is then desirable from the point that an additional
operational amplifier is not required for either reinversion
(current-switching mode) or amplification (voltage-switching
mode) of the DAC output voltage. In general, any positive voltage
reference can be converted into a negative voltage reference
through the use of an operational amplifier and a pair of matched
resistors in an inverting configuration. The disadvantage to this
approach is that the largest single source of error in the circuit is
the relative matching of the resistors used.
The circuit in Figure 28 avoids the need for tightly matched
resistors with the use of an active integrator circuit. In this
circuit, the output of the voltage reference provides the input
drive for the integrator. The integrator, to maintain circuit
equilibrium, adjusts its output to establish the proper relation-
ship between the reference VOUT and GND. Thus, any negative
output voltage desired can be chosen by substituting for the
appropriate reference IC. A precaution should be noted with
this approach: although rail-to-rail output amplifiers work best
in the application, these operational amplifiers require a finite
amount (mV) of headroom when required to provide any load
current. The choice for the circuit’s negative supply should take
this issue into account.
GND
VOUT
VIN
C2
0.1µF
3
+5V
–VREF
VIN
2
A1
1
U2
–5V
OP195
–V
+V
C1
1µF
U1
ADR380/
ADR381
R4
1k
Ω
R3
100k
Ω
C3
1µF
C4
1µF
R5
100
Ω
Figure 28. Negative Precision Voltage Reference Using No Precision Resistors
PRECISION CURRENT SOURCE
Many times in low power applications, the need arises for a
precision current source that can operate on low supply voltages.
As shown in Figure 29, the ADR380/ADR381 can be configured
as a precision current source. The circuit configuration illustrated
is a floating current source with a grounded load. The reference
output voltage is bootstrapped across RSET (R1 + P1), which sets
the output current into the load. With this configuration, circuit
precision is maintained for load currents in the range from the
reference supply current, typically 90 μA to approximately 5 mA.
GND
VOUT
VIN
3
VIN
2
R1
1
RL
P1
IOUT
ISY
ADJUST
U1
ADR380/
ADR381
C3
1µF
C1
1µF
C2
0.1µF
Figure 29. Precision Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com