Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR381ART Datasheet(PDF) 1 Page - Analog Devices

Part # ADR381ART
Description  Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR381ART Datasheet(HTML) 1 Page - Analog Devices

  ADR381ART Datasheet HTML 1Page - Analog Devices ADR381ART Datasheet HTML 2Page - Analog Devices ADR381ART Datasheet HTML 3Page - Analog Devices ADR381ART Datasheet HTML 4Page - Analog Devices ADR381ART Datasheet HTML 5Page - Analog Devices ADR381ART Datasheet HTML 6Page - Analog Devices ADR381ART Datasheet HTML 7Page - Analog Devices ADR381ART Datasheet HTML 8Page - Analog Devices ADR381ART Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Precision Low Drift 2.048 V/2.500 V
SOT-23 Voltage Reference
ADR380/ADR381
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2001–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Initial accuracy: ±5 mV/±6 mV maximum
Initial accuracy error: ±0.24%/±0.24%
Low TCVOUT: 25 ppm/°C maximum
Load regulation: 70 ppm/mA
Line regulation: 25 ppm/V
Wide operating ranges
2.4 V to 18 V for ADR380
2.8 V to 18 V for ADR381
Low power: 120 μA maximum
High output current: 5 mA
Wide temperature range: −40°C to +85°C
Tiny 3-lead SOT-23 package with standard pinout
APPLICATIONS
Battery-powered instrumentation
Portable medical instruments
Data acquisition systems
Industrial process control systems
Hard disk drives
Automotive
PIN CONFIGURATION
VIN 1
VOUT 2
GND
3
ADR380/
ADR381
TOP VIEW
(Not to Scale)
Figure 1. 3-Lead SOT-23
(RT Suffix)
GENERAL DESCRIPTION
The ADR380 and ADR381 are precision 2.048 V and 2.500 V
band gap voltage references featuring high accuracy, high
stability, and low power consumption in a tiny footprint.
Patented temperature drift curvature correction techniques
minimize nonlinearity of the voltage change with temperature.
The wide operating range and low power consumption make
them ideal for 3 V to 5 V battery-powered applications.
The ADR380 and ADR381 are micropower, low dropout
voltage (LDV) devices that provide a stable output voltage from
supplies as low as 300 mV above the output voltage. They are
specified over the industrial (−40°C to +85°C) temperature
range. The ADR380/ADR381 are available in the tiny 3-lead
SOT-23 package.
Table 1. ADR38x Products
Part Number
Nominal Output Voltage (V)
ADR380
2.048
ADR381
2.500


Similar Part No. - ADR381ART

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR381ART-R2 AD-ADR381ART-R2 Datasheet
316Kb / 12P
Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
7/04-Data Sheet Changed from Rev. 0 to Rev. A.
ADR381ART-REEL AD-ADR381ART-REEL Datasheet
316Kb / 12P
Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
7/04-Data Sheet Changed from Rev. 0 to Rev. A.
ADR381ART-REEL7 AD-ADR381ART-REEL7 Datasheet
316Kb / 12P
Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
7/04-Data Sheet Changed from Rev. 0 to Rev. A.
ADR381ARTZ-R2 AD-ADR381ARTZ-R2 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ARTZ-REEL7 AD-ADR381ARTZ-REEL7 Datasheet
316Kb / 12P
Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
7/04-Data Sheet Changed from Rev. 0 to Rev. A.
More results

Similar Description - ADR381ART

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR380 AD-ADR380 Datasheet
316Kb / 12P
Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
7/04-Data Sheet Changed from Rev. 0 to Rev. A.
ADR420 AD-ADR420 Datasheet
223Kb / 16P
Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
03/02-Data Sheet changed from REV. A to REV. B.
ADR318 AD-ADR318 Datasheet
492Kb / 8P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV.0
ADR390 AD-ADR390 Datasheet
402Kb / 20P
Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
5/05-Rev. E to Rev. F
ADR370 AD-ADR370 Datasheet
182Kb / 12P
Precision Low Power 2.048 V SOT-23 Voltage Reference
7/03-Data Sheet changed from REV. 0 to REV. A.
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
SOT-23 Precision Low Dropout Voltage Reference
logo
Analog Devices
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com