Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR381ART Datasheet(PDF) 9 Page - Analog Devices

Part # ADR381ART
Description  Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR381ART Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR381ART Datasheet HTML 5Page - Analog Devices ADR381ART Datasheet HTML 6Page - Analog Devices ADR381ART Datasheet HTML 7Page - Analog Devices ADR381ART Datasheet HTML 8Page - Analog Devices ADR381ART Datasheet HTML 9Page - Analog Devices ADR381ART Datasheet HTML 10Page - Analog Devices ADR381ART Datasheet HTML 11Page - Analog Devices ADR381ART Datasheet HTML 12Page - Analog Devices ADR381ART Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADR380/ADR381
Rev. C | Page 9 of 16
CL = 1nF
TIME (200µs/DIV)
1V/DIV
VOUT
VLOAD ON
LOAD OFF
ILOAD = 1mA
2V/DIV
1
2
Figure 20. ADR381 Load Transient Response with CL = 1 nF
CL = 100nF
TIME (200µs/DIV)
1V/DIV
VOUT
VLOAD ON
LOAD OFF
ILOAD = 1mA
2V/DIV
1
2
Figure 21. ADR381 Load Transient Response with CL = 100 nF
RL = 500Ω
TIME (200µs/DIV)
2V/DIV
VOUT
VIN
5V/DIV
1
2
Figure 22. ADR381 Turn-On/Turn-Off Response at 5 V
10
100
1k
10k
100k
1M
CL = 40pF
CL = 0.1µF
CL = 1µF
CBYPASS = 0.1µF
FREQUENCY (Hz)
Figure 23. ADR381 Output Impedance vs. Frequency
HOURS
0
–150
–100
–50
50
100
150
CONDITIONS: VIN = 6V IN A CONTROLLED
ENVIRONMENT 50°C ± 1°C
0
100
200
300
400
500
600
700
800
900
1000
Figure 24. ADR380 Long-Term Drift
HOURS
0
–150
–100
–50
50
100
150
CONDITIONS: VIN = 6V IN A CONTROLLED
ENVIRONMENT 50°C ± 1°C
0
100
200
300
400
500
600
700
800
900
1000
Figure 25. ADR381 Long-Term Drift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com