Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC908GR4MP Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 408 page
background image
General Description
Features
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
General Description
27
•
7680 bytes of on-chip FLASH memory on the MC68HC908GR8
and 4096 bytes of on-chip FLASH memory on the
MC68HC908GR4 with in-circuit programming capabilities of
FLASH program memory
•
384 bytes of on-chip random-access memory (RAM)
•
Serial peripheral interface module (SPI)
•
Serial communications interface module (SCI)
•
One 16-bit, 2-channel timer (TIM1) and one 16-bit, 1-channel
timer (TIM2) interface modules with selectable input capture,
output compare, and PWM capability on each channel
•
6-channel, 8-bit successive approximation analog-to-digital
converter (ADC)
•
BREAK module (BRK) to allow single breakpoint setting during in-
circuit debugging
•
Internal pullups on IRQ and RST to reduce customer system cost
•
Clock generator module with on-chip 32-kHz crystal compatible
PLL (phase-lock loop)
•
Up to 21 general-purpose input/output (I/O) pins, including:
–
19 shared-function I/O pins
–
Up to two dedicated I/O pins, depending on package choice
•
Selectable pullups on inputs only on ports A, C, and D. Selection
is on an individual port bit basis. During output mode, pullups are
disengaged.
•
High current 10-mA sink/10-mA source capability on all port pins
•
Higher current 15-mA sink/source capability on PTC0–PTC1
•
Timebase module with clock prescaler circuitry for eight user
selectable periodic real-time interrupts with optional active clock
source during stop mode for periodic wakeup from stop using an
external 32-kHz crystal
•
Oscillator stop mode enable bit (OSCSTOPENB) in the CONFIG
register to allow user selection of having the oscillator enabled or
disabled during stop mode
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com