Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC908GR4MP Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 408 page
background image
Memory Map
Input/Output (I/O) Section
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Memory Map
41
$0014
SCI Control Register 2
(SCC2)
Read:
SCTIE
TCIE
SCRIE
ILIE
TE
RE
RWU
SBK
Write:
Reset:
00000000
$0015
SCI Control Register 3
(SCC3)
Read:
R8
T8
DMARE
DMATE
ORIE
NEIE
FEIE
PEIE
Write:
Reset:
U
U
000000
$0016
SCI Status Register 1
(SCS1)
Read:
SCTE
TC
SCRF
IDLE
OR
NF
FE
PE
Write:
Reset:
11000000
$0017
SCI Status Register 2
(SCS2)
Read:
BKF
RPF
Write:
Reset:
00000000
$0018
SCI Data Register
(SCDR)
Read:
R7
R6
R5
R4
R3
R2
R1
R0
Write:
T7
T6
T5
T4
T3
T2
T1
T0
Reset:
Unaffected by reset
$0019
SCI Baud Rate Register
(SCBR)
Read:
SCP1
SCP0
R
SCR2
SCR1
SCR0
Write:
Reset:
00000000
$001A
Keyboard Status
and Control Register
(INTKBSCR)
Read:
0000
KEYF
0
IMASKK
MODEK
Write:
ACKK
Reset:
00000000
$001B
Keyboard Interrupt Enable
Register (INTKBIER)
Read:
KBIE3
KBIE2
KBIE1
KBIE0
Write:
Reset:
0000
$001C
Time Base Module Control
Register (TBCR)
Read:
TBIF
TBR2
TBR1
TBR0
0
TBIE
TBON
R
Write:
TACK
Reset:
00000000
$001D
IRQ Status and Control
Register (INTSCR)
Read:
0000
IRQF1
0
IMASK1
MODE1
Write:
ACK1
Reset:
00000000
Addr.
Register Name
Bit 7
654321
Bit 0
= Unimplemented
R = Reserved
U = Unaffected
Figure 2-2. Control, Status, and Data Registers (Sheet 3 of 8)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com