Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC908GR4MP Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 53Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 54Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 55Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 56Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 57Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 58Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 59Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 60Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 408 page
background image
Low Power Modes
Exiting Wait Mode
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Low Power Modes
57
3.15 Exiting Wait Mode
These events restart the CPU clock and load the program counter with
the reset vector or with an interrupt vector:
•
External reset — A logic 0 on the RST pin resets the MCU and
loads the program counter with the contents of locations $FFFE
and $FFFF.
•
External interrupt — A high-to-low transition on an external
interrupt pin (IRQ pin) loads the program counter with the contents
of locations: $FFFA and $FFFB; IRQ pin.
•
Break interrupt — A break interrupt loads the program counter
with the contents of $FFFC and $FFFD.
•
Computer operating properly module (COP) reset — A timeout of
the COP counter resets the MCU and loads the program counter
with the contents of $FFFE and $FFFF.
•
Low-voltage inhibit module (LVI) reset — A power supply voltage
below the Vtripf voltage resets the MCU and loads the program
counter with the contents of locations $FFFE and $FFFF.
•
Clock generator module (CGM) interrupt — A CPU interrupt
request from the phase-locked loop (PLL) loads the program
counter with the contents of $FFF8 and $FFF9.
•
Keyboard module (KBI) interrupt — A CPU interrupt request from
the KBI module loads the program counter with the contents of
$FFDE and $FFDF.
•
Timer 1 interface module (TIM1) interrupt — A CPU interrupt
request from the TIM1 loads the program counter with the
contents of:
–
$FFF2 and $FFF3; TIM1 overflow
–
$FFF4 and $FFF5; TIM1 channel 1
–
$FFF6 and $FFF7; TIM1 channel 0
•
Timer 2 interface module (TIM2) interrupt — A CPU interrupt
request from the TIM2 loads the program counter with the
contents of:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com