Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC908GR4MP Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 408 page
background image
Resets and Interrupts
Technical Data
MC68HC908GR8 — Rev 4.0
72
Resets and Interrupts
MOTOROLA
4.4.2.6 TIM2
TIM2 CPU interrupt sources:
•
TIM2 overflow flag (TOF) — The TOF bit is set when the TIM2
counter value rolls over to $0000 after matching the value in the
TIM2 counter modulo registers. The TIM2 overflow interrupt
enable bit, TOIE, enables TIM2 overflow CPU interrupt requests.
TOF and TOIE are in the TIM2 status and control register.
•
TIM2 channel flag (CH0F) — The CH0F bit is set when an input
capture or output compare occurs on channel 0. The channel 0
interrupt enable bit, CH0IE, enables channel 0 TIM2 CPU interrupt
requests. CH0F and CH0IE are in the TIM2 channel 0 status and
control register.
4.4.2.7 SPI
SPI CPU interrupt sources:
•
SPI receiver full bit (SPRF) — The SPRF bit is set every time a
byte transfers from the shift register to the receive data register.
The SPI receiver interrupt enable bit, SPRIE, enables SPRF CPU
interrupt requests. SPRF is in the SPI status and control register
and SPRIE is in the SPI control register.
•
SPI transmitter empty (SPTE) — The SPTE bit is set every time a
byte transfers from the transmit data register to the shift register.
The SPI transmit interrupt enable bit, SPTIE, enables SPTE CPU
interrupt requests. SPTE is in the SPI status and control register
and SPTIE is in the SPI control register.
•
Mode fault bit (MODF) — The MODF bit is set in a slave SPI if the
SS pin goes high during a transmission with the mode fault enable
bit (MODFEN) set. In a master SPI, the MODF bit is set if the SS
pin goes low at any time with the MODFEN bit set. The error
interrupt enable bit, ERRIE, enables MODF CPU interrupt
requests. MODF, MODFEN, and ERRIE are in the SPI status and
control register.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com