Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC908GR4MP Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 51Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 52Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 53Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 408 page
background image
Low Power Modes
Technical Data
MC68HC908GR8 — Rev 4.0
50
Low Power Modes
MOTOROLA
3.2.1 Wait Mode
The WAIT instruction puts the MCU in a low-power standby mode in
which the CPU clock is disabled but the bus clock continues to run.
Power consumption can be further reduced by disabling the LVI module
and/or the timebase module through bits in the CONFIG register. (See
Configuration Register (CONFIG).)
3.2.2 Stop Mode
Stop mode is entered when a STOP instruction is executed. The CPU
clock is disabled and the bus clock is disabled if the OSCSTOPENB bit
in the CONFIG register is at a logic 0. (See Configuration Register
(CONFIG).)
3.3 Analog-to-Digital Converter (ADC)
3.3.1 Wait Mode
The ADC continues normal operation during wait mode. Any enabled
CPU interrupt request from the ADC can bring the MCU out of wait
mode. If the ADC is not required to bring the MCU out of wait mode,
power down the ADC by setting ADCH4–ADCH0 bits in the ADC status
and control register before executing the WAIT instruction.
3.3.2 Stop Mode
The ADC module is inactive after the execution of a STOP instruction.
Any pending conversion is aborted. ADC conversions resume when the
MCU exits stop mode after an external interrupt. Allow one conversion
cycle to stabilize the analog circuitry.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com