Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC908GR4MP Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 116Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 408 page
background image
Clock Generator Module (CGMC)
Technical Data
MC68HC908GR8 — Rev 4.0
120
Clock Generator Module (CGMC)
MOTOROLA
NOTE:
The multiplier select bits have built-in protection such that they cannot
be written when the PLL is on (PLLON = 1).
PMSH[7:4] — Unimplemented Bits
These bits have no function and always read as logic 0s.
7.6.4 PLL Multiplier Select Register Low
The PLL multiplier select register low (PMSL) contains the programming
information for the low byte of the modulo feedback divider.
MUL7–MUL0 — Multiplier Select Bits
These read/write bits control the low byte of the modulo feedback
divider that selects the VCO frequency multiplier, N. (See PLL Circuits
and Programming the PLL.) MUL7–MUL0 cannot be written when the
PLLON bit in the PCTL is set. A value of $0000 in the multiplier select
registers configures the modulo feedback divider the same as a value
of $0001. Reset initializes the register to $40 for a default multiply
value of 64.
NOTE:
The multiplier select bits have built-in protection such that they cannot
be written when the PLL is on (PLLON = 1).
Address:
$0038
Bit 7
654321
Bit 0
Read:
MUL7
MUL6
MUL5
MUL4
MUL3
MUL2
MUL1
MUL0
Write:
Reset:
01000000
Figure 7-7. PLL Multiplier Select Register Low (PMSL)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com