Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F505E/MC Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC16F505E/MC
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505E/MC Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC16F505E/MC Datasheet HTML 44Page - Microchip Technology PIC16F505E/MC Datasheet HTML 45Page - Microchip Technology PIC16F505E/MC Datasheet HTML 46Page - Microchip Technology PIC16F505E/MC Datasheet HTML 47Page - Microchip Technology PIC16F505E/MC Datasheet HTML 48Page - Microchip Technology PIC16F505E/MC Datasheet HTML 49Page - Microchip Technology PIC16F505E/MC Datasheet HTML 50Page - Microchip Technology PIC16F505E/MC Datasheet HTML 51Page - Microchip Technology PIC16F505E/MC Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 110 page
background image
PIC12F508/509/16F505
DS41236E-page 48
© 2009 Microchip Technology Inc.
TABLE 7-4:
RESET CONDITIONS FOR REGISTERS – PIC16F505
TABLE 7-5:
RESET CONDITION FOR SPECIAL REGISTERS
Register
Address
Power-on Reset
MCLR Reset, WDT Time-out,
Wake-up On Pin Change
W—
qqqq qqqu(1)
qqqq qqqu(1)
INDF
00h
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
PC
02h
1111 1111
1111 1111
STATUS
03h
0001 1xxx
q00q quuu(2), (3)
FSR
04h
100x xxxx
1uuu uuuu
OSCCAL
05h
1111 111-
uuuu uuu-
PORTB
06h
--xx xxxx
--uu uuuu
PORTC
07h
--xx xxxx
--uu uuuu
OPTION
—
1111 1111
1111 1111
TRISB
—
--11 1111
--11 1111
TRISC
—
--11 1111
--11 1111
Legend: u = unchanged, x = unknown, – = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1:
Bits <7:2> of W register contain oscillator calibration values due to MOVLW XX instruction at top of
memory.
2:
See Table 7-5 for Reset value for specific conditions.
3:
If Reset was due to wake-up on pin change, then bit 7 = 1. All other Resets will cause bit 7 = 0.
STATUS Addr: 03h
PCL Addr: 02h
Power-on Reset
0001 1xxx
1111 1111
MCLR Reset during normal operation
000u uuuu
1111 1111
MCLR Reset during Sleep
0001 0uuu
1111 1111
WDT Reset during Sleep
0000 0uuu
1111 1111
WDT Reset normal operation
0000 uuuu
1111 1111
Wake-up from Sleep on pin change
1001 0uuu
1111 1111
Legend: u = unchanged, x = unknown, – = unimplemented bit, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com