Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F505E/MC Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC16F505E/MC
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505E/MC Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC16F505E/MC Datasheet HTML 72Page - Microchip Technology PIC16F505E/MC Datasheet HTML 73Page - Microchip Technology PIC16F505E/MC Datasheet HTML 74Page - Microchip Technology PIC16F505E/MC Datasheet HTML 75Page - Microchip Technology PIC16F505E/MC Datasheet HTML 76Page - Microchip Technology PIC16F505E/MC Datasheet HTML 77Page - Microchip Technology PIC16F505E/MC Datasheet HTML 78Page - Microchip Technology PIC16F505E/MC Datasheet HTML 79Page - Microchip Technology PIC16F505E/MC Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 110 page
background image
PIC12F508/509/16F505
DS41236E-page 76
© 2009 Microchip Technology Inc.
TABLE 10-3:
EXTERNAL CLOCK TIMING REQUIREMENTS – PIC12F508/509/16F505
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature -40
°C ≤ TA ≤ +85°C (industrial),
-40
°C ≤ TA ≤ +125°C (extended)
Operating Voltage VDD range is described in Section 10.1 "Power-
on Reset (POR)"
Param
No.
Sym.
Characteristic
Min.
Typ(1)
Max.
Units
Conditions
1A
FOSC
External CLKIN Frequency(2)
DC
—
4
MHz
XT Oscillator mode
DC
—
20
MHz
EC, HS Oscillator mode
(PIC16F505 only)
DC
—
200
kHz
LP Oscillator mode
Oscillator Frequency(2)
—
—
4
MHz
EXTRC Oscillator mode
0.1
—
4
MHz
XT Oscillator mode
4
—
20
MHz
HS Oscillator mode (PIC16F505
only)
—
—
200
kHz
LP Oscillator mode
1TOSC
External CLKIN Period(2)
250
—
—
ns
XT Oscillator mode
50
—
—
ns
EC, HS Oscillator mode
(PIC16F505 only)
5—
—
μs
LP Oscillator mode
Oscillator Period(2)
250
—
—
ns
EXTRC Oscillator mode
250
—
10,000
ns
XT Oscillator mode
50
—
250
ns
HS Oscillator mode (PIC16F505
only)
5—
—
μs
LP Oscillator mode
2TCY
Instruction Cycle Time
200
4/FOSC
—ns
3
TosL,
TosH
Clock in (OSC1) Low or High
Time
50*
—
—
ns
XT Oscillator
2*
—
—
μs
LP Oscillator
10*
—
—
ns
EC, HS Oscillator
(PIC16F505 only)
4TosR,
TosF
Clock in (OSC1) Rise or Fall
Time
—
—
25*
ns
XT Oscillator
—
—
50*
ns
LP Oscillator
—
—
15*
ns
EC, HS Oscillator
(PIC16F505 only)
*
These parameters are characterized but not tested.
Note 1:
Data in the Typical (“Typ”) column is at 5V, 25
°C unless otherwise stated. These parameters are for
design guidance only and are not tested.
2:
All specified values are based on characterization data for that particular oscillator type under standard
operating conditions with the device executing code. Exceeding these specified limits may result in an
unstable oscillator operation and/or higher than expected current consumption. When an external clock
input is used, the “max” cycle time limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com