Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F505E/MC Datasheet(PDF) 82 Page - Microchip Technology

Part # PIC16F505E/MC
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505E/MC Datasheet(HTML) 82 Page - Microchip Technology

Back Button PIC16F505E/MC Datasheet HTML 78Page - Microchip Technology PIC16F505E/MC Datasheet HTML 79Page - Microchip Technology PIC16F505E/MC Datasheet HTML 80Page - Microchip Technology PIC16F505E/MC Datasheet HTML 81Page - Microchip Technology PIC16F505E/MC Datasheet HTML 82Page - Microchip Technology PIC16F505E/MC Datasheet HTML 83Page - Microchip Technology PIC16F505E/MC Datasheet HTML 84Page - Microchip Technology PIC16F505E/MC Datasheet HTML 85Page - Microchip Technology PIC16F505E/MC Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 110 page
background image
PIC12F508/509/16F505
DS41236E-page 82
© 2009 Microchip Technology Inc.
FIGURE 11-2:
IDD VS. FOSC Over VDD (HS MODE, PIC16F505 only)
FIGURE 11-3:
TYPICAL IPD vs. VDD (SLEEP MODE, ALL PERIPHERALS DISABLED)
3.00
2.50
2.00
1.50
1.00
0.50
0.00
5
10
15
20
25
Max. 5V
Typical 5V
Max. 3V
Typical 3V
Fosc (MHz)
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
σ
(-40°C to 125°C)
Typical
(Sleep Mode all Peripherals Disabled)
0.0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
σ
(-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com