Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F505E/MC Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC16F505E/MC
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505E/MC Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC16F505E/MC Datasheet HTML 88Page - Microchip Technology PIC16F505E/MC Datasheet HTML 89Page - Microchip Technology PIC16F505E/MC Datasheet HTML 90Page - Microchip Technology PIC16F505E/MC Datasheet HTML 91Page - Microchip Technology PIC16F505E/MC Datasheet HTML 92Page - Microchip Technology PIC16F505E/MC Datasheet HTML 93Page - Microchip Technology PIC16F505E/MC Datasheet HTML 94Page - Microchip Technology PIC16F505E/MC Datasheet HTML 95Page - Microchip Technology PIC16F505E/MC Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 110 page
background image
PIC12F508/509/16F505
DS41236E-page 92
© 2009 Microchip Technology Inc.
12.1
Package Marking Information (Continued)
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
14-Lead PDIP (300 mil)
14-Lead SOIC (3.90 mm)
XXXXXXXXXXX
YYWWNNN
Example
PIC16F505-E
0610017
XXXXXXXXXXX
14-Lead TSSOP (4.4 mm)
XXXXXXXX
YYWW
Example
16F505-I
0610
NNN
017
/SL0125
Example
PIC16F505
0610017
0215
3
e
-I/P
TABLE 12-1:
8-LEAD 2X3 DFN (MC) TOP MARKING
Part Number
Marking
PIC12F508 (T) - I/MC
BN0
PIC12F508-E/MC
BP0
PIC12F509 (T) - I/MC
BQ0
PIC12F509-E/MC
BR0
XXXXXXX
16-Lead QFN
XXXXXXX
YYWWNNN
16F505
Example
-I/MG
0610017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com