Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F505E/MC Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC16F505E/MC
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505E/MC Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC16F505E/MC Datasheet HTML 75Page - Microchip Technology PIC16F505E/MC Datasheet HTML 76Page - Microchip Technology PIC16F505E/MC Datasheet HTML 77Page - Microchip Technology PIC16F505E/MC Datasheet HTML 78Page - Microchip Technology PIC16F505E/MC Datasheet HTML 79Page - Microchip Technology PIC16F505E/MC Datasheet HTML 80Page - Microchip Technology PIC16F505E/MC Datasheet HTML 81Page - Microchip Technology PIC16F505E/MC Datasheet HTML 82Page - Microchip Technology PIC16F505E/MC Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 110 page
background image
© 2009 Microchip Technology Inc.
DS41236E-page 79
PIC12F508/509/16F505
TABLE 10-6:
RESET, WATCHDOG TIMER AND DEVICE RESET TIMER – PIC12F508/509/16F505
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature -40
°C ≤ TA ≤ +85°C (industrial)
-40
°C ≤ TA ≤ +125°C (extended)
Param
No.
Sym.
Characteristic
Min.
Typ(1)
Max.
Units
Conditions
30
TMCLMCLR Pulse Width (low)
2000*
—
—
ns
VDD = 5.0V
31
TWDT
Watchdog Timer Time-out Period
(no prescaler)
9*
9*
18*
18*
30*
40*
ms
ms
VDD = 5.0V (Industrial)
VDD = 5.0V (Extended)
32
TDRT
Device Reset Timer Period(2)
9*
9*
18*
18*
30*
40*
ms
ms
VDD = 5.0V (Industrial)
VDD = 5.0V (Extended)
34
TIOZ
I/O High-impedance from MCLR
low
—
—
2000*
ns
*
These parameters are characterized but not tested.
Note 1:
Data in the Typical (“Typ”) column is at 5V, 25
°C unless otherwise stated. These parameters are for
design guidance only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com