Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8321VRADDC Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC8321VRADDC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8321VRADDC Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8321VRADDC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 4
Freescale Semiconductor
3
Overview
NOTE
The QUICC Engine block can also support a UTOPIA level 2 capable of
supporting 31 multi-PHY (MPC8323E- and MPC8323-specific).
The MPC8323E security engine (SEC 2.2) allows CPU-intensive cryptographic operations to be offloaded
from the main CPU core. The security-processing accelerator provides hardware acceleration for the DES,
3DES, AES, SHA-1, and MD-5 algorithms.
In summary, the MPC8323E family provides users with a highly integrated, fully programmable
communications processor. This helps ensure that a low-cost system solution can be quickly developed
and offers flexibility to accommodate new standards and evolving system requirements.
1.1
MPC8323E Features
Major features of the MPC8323E are as follows:
•
High-performance, low-power, and cost-effective single-chip data-plane/control-plane solution for
ATM or IP/Ethernet packet processing (or both).
•
MPC8323E QUICC Engine block offers a future-proof solution for next generation designs by
supporting programmable protocol termination and network interface termination to meet evolving
protocol standards.
•
Single platform architecture supports the convergence of IP packet networks and ATM networks.
•
DDR1/DDR2 memory controller—one 32-bit interface at up to 266 MHz supporting both DDR1
and DDR2.
•
An e300c2 core built on Power Architecture technology with 16-Kbyte instruction and data caches,
and dual integer units.
•
Peripheral interfaces such as 32-bit PCI (2.2) interface up to 66-MHz operation, 16-bit local bus
interface up to 66-MHz operation, and USB 2.0 (full-/low-speed).
•
Security engine provides acceleration for control and data plane security protocols.
•
High degree of software compatibility with previous-generation PowerQUICC processor-based
designs for backward compatibility and easier software migration.
1.1.1
Protocols
The protocols are as follows:
•
ATM SAR up to 155 Mbps (OC-3) full duplex, with ATM traffic shaping (ATF TM4.1)
•
Support for ATM AAL1 structured and unstructured circuit emulation service (CES 2.0)
•
Support for IMA and ATM transmission convergence sub-layer
•
ATM OAM handling features compatible with ITU-T I.610
•
IP termination support for IPv4 and IPv6 packets including TOS, TTL, and header checksum
processing
•
Extensive support for ATM statistics and Ethernet RMON/MIB statistics
•
Support for 64 channels of HDLC/transparent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com