Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8321VRADDC Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC8321VRADDC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8321VRADDC Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC8321VRADDC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 4
Freescale Semiconductor
5
Overview
1.3
Security Engine
The security engine is optimized to handle all the algorithms associated with IPSec, IEEE 802.11i™
standard, and iSCSI. The security engine contains one crypto-channel, a controller, and a set of crypto
execution units (EUs). The execution units are:
•
Data encryption standard execution unit (DEU), supporting DES and 3DES
•
Advanced encryption standard unit (AESU), supporting AES
•
Message digest execution unit (MDEU), supporting MD5, SHA1, SHA-256, and HMAC with any
algorithm
•
One crypto-channel supporting multi-command descriptor chains
1.4
DDR Memory Controller
The MPC8323E DDR1/DDR2 memory controller includes the following features:
•
Single 32-bit interface supporting both DDR1 and DDR2 SDRAM
•
Support for up to 266-MHz data rate
•
Support for two ×16 devices
•
Support for up to 16 simultaneous open pages
•
Supports auto refresh
•
On-the-fly power management using CKE
•
1.8-/2.5-V SSTL2 compatible I/O
•
Support for 1 chip select only
•
FCRAM, ECC, hardware/software calibration, bit deskew, QIN stage, or atomic logic are not
supported.
1.5
PCI Controller
The MPC8323E PCI controller includes the following features:
•
PCI Specification Revision 2.3 compatible
•
Single 32-bit data PCI interface operates up to 66 MHz
•
PCI 3.3-V compatible (not 5-V compatible)
•
Support for host and agent modes
•
On-chip arbitration, supporting three external masters on PCI
•
Selectable hardware-enforced coherency
1.6
Programmable Interrupt Controller (PIC)
The programmable interrupt controller (PIC) implements the necessary functions to provide a flexible
solution for general-purpose interrupt control. The PIC programming model is compatible with the
MPC8260 interrupt controller, and it supports 8 external and 35 internal discrete interrupt sources.
Interrupts can also be redirected to an external interrupt controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com