Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8321VRADDC Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8321VRADDC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8321VRADDC Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8321VRADDC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 4
4
Freescale Semiconductor
Overview
1.1.2
Serial Interfaces
The MPC8323E serial interfaces are as follows:
•
Support for one UL2 interface with 31 multi-PHY addresses (MPC8323E and MPC8323 only)
•
Support for up to three 10/100 Mbps Ethernet interfaces using MII or RMII
•
Support for up to four T1/E1/J1/E3 or DS-3 serial interfaces (TDM)
•
Support for dual UART and SPI interfaces and a single I2C interface
1.2
QUICC Engine Block
The QUICC Engine block is a versatile communications complex that integrates several communications
peripheral controllers. It provides on-chip system design for a variety of applications, particularly in
communications and networking systems. The QUICC Engine block has the following features:
•
One 32-bit RISC controller for flexible support of the communications peripherals
•
Serial DMA channel for receive and transmit on all serial channels
•
Five universal communication controllers (UCCs) supporting the following protocols and
interfaces (not all of them simultaneously):
— 10/100 Mbps Ethernet/IEEE 802.3® standard
— IP support for IPv4 and IPv6 packets including TOS, TTL, and header checksum processing
— ATM protocol through UTOPIA interface (note that the MPC8321 and MPC8321E do not
support the UTOPIA interface)
— HDLC /transparent up to 70-Mbps full-duplex
— HDLC bus up to 10 Mbps
— Asynchronous HDLC
— UART
— BISYNC up to 2 Mbps
— QUICC multi-channel controller (QMC) for 64 TDM channels
•
One UTOPIA interface (UPC1) supporting 31 multi-PHYs (MPC8323E- and MPC8323-specific)
•
Two serial peripheral interfaces (SPI). SPI2 is dedicated to Ethernet PHY management.
•
Four TDM interfaces
•
Thirteen independent baud rate generators and 19 input clock pins for supplying clocks to UCC
serial channels
•
Four independent 16-bit timers that can be interconnected as two 32-bit timers
The UCCs are similar to the PowerQUICC II peripherals: SCC (BISYNC, UART, and HDLC bus) and
FCC (fast Ethernet, HDLC, transparent, and ATM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com