Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6850 Datasheet(PDF) 35 Page - Analog Devices

Part # ADRF6850
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADRF6850 Datasheet HTML 28Page - Analog Devices ADRF6850 Datasheet HTML 29Page - Analog Devices ADRF6850 Datasheet HTML 30Page - Analog Devices ADRF6850 Datasheet HTML 31Page - Analog Devices ADRF6850 Datasheet HTML 32Page - Analog Devices ADRF6850 Datasheet HTML 33Page - Analog Devices ADRF6850 Datasheet HTML 34Page - Analog Devices ADRF6850 Datasheet HTML 35Page - Analog Devices ADRF6850 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
ADRF6850
Rev. 0 | Page 35 of 36
BILL OF MATERIALS
Table 28. Bill of Materials
Qty.
Reference Designator
Description
Manufacturer
Part Number
1
DUT
ADRF6850 LFCSP, 56-lead 8 mm × 8 mm
Analog Devices
ADRF6850BCPZ
1
Y2
VCO, 13.5 MHz
Jauch
0 13.50-VX7-G-3.3-1-
T1-LF
1
SPI
Connector, 9-pin, D-sub plug, D-SUB9MR
ITW McMurdo
FEC 1071806
1
I2C
Connector, I2C, SEMCONN receptacle
Digikey
5-1761185-1-ND
2
C1, C34
Capacitor, 10 µF, 25 V, tantalum, TAJ-C
AVX
FEC 197518
10
C4, C6, C10, C12, C14, C16, C40,
C48, C53, C55
Capacitor, 56 pF, 50 V, ceramic, C0G, 0402
AVX
FEC 1658861
14
C5, C7, C11, C13, C15, C17, C22,
C27, C47, C49 to C52, C54
Capacitor, 100 nF, 25 V, X7R, ceramic, 0603
AVX
FEC 317287
1
C3
Capacitor, 1.8 nF, 50 V, C0G, ceramic, 0603
Murata
FEC 1402814
1
C35
Capacitor, 68 nF, 50 V, NPO, ceramic, 1206
Kemet
FEC 1535582
4
C2, C21, C38, C39
Capacitor, 1 nF, 50 V, C0G, ceramic, 0603
Murata
FEC 8819920
2
C44, C46
Capacitor, 100 pF, 50 V, C0G, ceramic, 0402
Murata
FEC 8819572
2
C43, C56
Capacitor, 10 nF, 50 V, X7R, ceramic, 0402
Murata
FEC 1414575
1
C18
Capacitor, 10 pF, 50 V, C0G, ceramic, 0402
Murata
FEC 8819564
4
C30 to C33
Capacitor, 10 μF, 6.3 V, X5R, ceramic, 0603
Phycomp
FEC 1458902
12
J2 to J12, J14
SMA end launch connector
Johnson/Emerson
142-0701-851
2
J20, J21
Jumper, 3-pin plus shunt
Harwin
FEC 148533 +
FEC 150411
2
L1, L2
Inductor, 20 nH, 0402, LQW series
Murata
LQW15AN20N
2
L3, L4
Inductor, 10 µH, 0805, LQM series
Murata
LQM21FN1N100M
2
R20, R36
Resistor, 0 Ω, 1/16 W, 1%, 0402
Vishay Draloric
FEC 1158241
1
R13
Resistor, 4.7 kΩ, 1/10 W, 1%, 0603
Multicomp
FEC 1576293
2
R14, R39
Resistor, 1.2 kΩ, 1/10 W, 5%, 0603
Phycomp
FEC 9233393
1
R1
Resistor, 220 Ω, 1/16 W, 1%, 0603
Multicomp
FEC 9330801
2
R3, R4
Resistor, 200 Ω, 1/16 W, 5%, 0402
Vishay Dale
FEC 1514682
2
R17, R18
Resistor, 0603, spacing (do not install)
3
R35, R44, R45
Resistor, 51 Ω, 1/16 W, 1%, 0402
Multicomp
FEC 1358008
4
R48 to R51
Resistor, 330 Ω, 1/10 W, 5%, 0805
Vishay Draloric
FEC 1739223
2
R60, R61
Resistor, 100 Ω, 1/10 W, 5%, 0805
Bourns
Digi Key
RR12P100DTR-ND
2
R46, R47
Resistor, 10 kΩ, 1/16 W, 1%, 0402
Phycomp
FEC 9239359
7
CS, LDET, MUXOUT, VTUNE, SCLK,
SDA, SDO
Test point, 1-pin, 0.035 inch diameter
Not inserted
1
BAL1
Balun, 0805, 50 Ω to 100 Ω balanced (1.3 GHz to
3.1 GHz)
Anaren
BD1631J50100A00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com