Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6850 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF6850
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF6850 Datasheet HTML 11Page - Analog Devices ADRF6850 Datasheet HTML 12Page - Analog Devices ADRF6850 Datasheet HTML 13Page - Analog Devices ADRF6850 Datasheet HTML 14Page - Analog Devices ADRF6850 Datasheet HTML 15Page - Analog Devices ADRF6850 Datasheet HTML 16Page - Analog Devices ADRF6850 Datasheet HTML 17Page - Analog Devices ADRF6850 Datasheet HTML 18Page - Analog Devices ADRF6850 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
ADRF6850
Rev. 0 | Page 15 of 36
–120
–100
–80
–60
–40
–20
0
100
200
300
400
500
600
700
800
900
1000
LO FREQUENCY (MHz)
VGAIN = 1.5V
VGAIN ≤ 1.0V
Figure 35. Reference Spurs at 13.5 MHz from Carrier vs. LO Frequency,
Channel Gain, Supply, and Temperature
–120
–100
–80
–60
–40
–20
0
100
200
300
400
500
600
700
800
900
1000
LO FREQUENCY (MHz)
VGAIN = 1.5V
VGAIN ≤ 1.0V
Figure 36. PFD Spurs at 27 MHz from Carrier vs. LO Frequency, Channel Gain,
Supply, and Temperature
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
10
100
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
TABLE OF DISTRIBUTION DATA:
OFFSET FREQUENCY (Hz):
10
100
1k
10k
100k
1M
10M
TYPICAL RANGE (dBc/Hz):
–91/–100 –99/–111 –107/–115 –118/–121 –129/–132 –150/–154 –151/–153
WORST-CASE RANGE (dBc/Hz): –90/–105 –95/–108 –105/–116 –118/–121 –128/–131 –151/–154 –151/–153
Figure 37. Phase Noise Performance Including Distribution Table at LO
Frequency = 100 MHz at Nominal and Worst-Case Conditions
10
100
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
TABLE OF DISTRIBUTION DATA:
OFFSET FREQUENCY (Hz):
10
100
1k
10k
100k
1M
10M
TYPICAL RANGE (dBc/Hz):
–75/–85 –78/–89 –84/–95 –97/–100 –110/–113 –136/–138 –149/–153
WORST-CASE RANGE (dBc/Hz): –72/–82 –74/–89 –89/–96 –97/–100 –110/–112 –136/–138 –149/–152
Figure 38. Phase Noise Performance Including Distribution Table at LO
Frequency = 1000 MHz at Nominal and Worst-Case Conditions
0
0.1
0.2
0.3
0.4
100
200
300
400
500
600
700
800
900
1000
LO FREQUENCY (MHz)
3.30V; +25°C
3.15V; +85°C
3.45V; +85°C
3.15V; –40°C
3.45V; –40°C
Figure 39. Integrated Phase Noise vs. LO Frequency, Supply, and
Temperature
0
5
10
15
20
25
30
0.19
0.21
0.23
0.25
0.27
0.29
0.31
0.33
RMS JITTER (Degrees)
NOMINAL
WORST-CASE
Figure 40. Integrated Phase Noise Distribution with LO Frequency =
1000 MHz at Nominal and Worst-Case Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com