Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6850 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6850
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6850 Datasheet HTML 8Page - Analog Devices ADRF6850 Datasheet HTML 9Page - Analog Devices ADRF6850 Datasheet HTML 10Page - Analog Devices ADRF6850 Datasheet HTML 11Page - Analog Devices ADRF6850 Datasheet HTML 12Page - Analog Devices ADRF6850 Datasheet HTML 13Page - Analog Devices ADRF6850 Datasheet HTML 14Page - Analog Devices ADRF6850 Datasheet HTML 15Page - Analog Devices ADRF6850 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ADRF6850
Rev. 0 | Page 12 of 36
–50
–40
–30
–20
–10
0
10
20
30
–10
0
10
20
30
40
50
60
70
CHANNEL GAIN (dB)
IQ FREQUENCIES = 16MHz AND 19MHz
IQ FREQUENCIES = 46MHz AND 49MHz
IQ FREQUENCIES = 96MHz AND 99MHz
IQ FREQUENCIES = 196MHz AND 199MHz
IQ FREQUENCIES = 246MHz AND 249MHz
Figure 17. Input IP3 vs. Channel Gain, and IQ Output Frequency,
Wideband Mode, Nominal Conditions
–50
–40
–30
–20
–10
0
10
20
30
–10
0
10
20
30
40
50
60
70
CHANNEL GAIN (dB)
IQ FREQUENCIES = 16MHz AND 19MHz
IQ FREQUENCIES = 46MHz AND 49MHz
IQ FREQUENCIES = 96MHz AND 99MHz
IQ FREQUENCIES = 196MHz AND 199MHz
IQ FREQUENCIES = 246MHz AND 249MHz
Figure 18. Input IP3 vs. Channel Gain, and IQ Output Frequency,
Wideband Mode, Worst-Case Conditions
–20
–10
0
10
20
30
40
50
60
70
CHANNE L GAIN (dB)
–10
0
70
60
50
40
30
20
10
DIRECT IIP2
DOWN-CONVERTED IIP2
Figure 19. Input IP2 vs. Channel Gain, Wideband Mode, Nominal Conditions
–20
–30
–10
0
10
20
30
40
50
60
70
CHANNE L GAIN (dB)
–10
0
70
60
50
40
30
20
10
DIRECT IIP2
DOWN-CONVERTED IIP2
Figure 20. Input IP2 vs. Channel Gain, Wideband Mode,
Worst-Case Conditions
0
10
20
30
40
50
60
0
10
20
30
40
50
60
70
CHANNEL GAIN (dB)
RF = 100MHz
RF = 300MHz
RF = 550MHz
RF = 800MHz
RF = 1000MHz
Figure 21. Noise Figure vs. Channel Gain, and RF Input Frequency,
Narrow-Band Mode, Nominal Conditions
0
10
20
30
40
50
60
0
10
20
30
40
50
60
70
CHANNEL GAIN (dB)
RF = 100MHz
RF = 300MHz
RF = 550MHz
RF = 800MHz
RF = 1000MHz
Figure 22. Noise Figure vs. Channel Gain, and RF Input Frequency,
Narrow-Band Mode, Worst-Case Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com