Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6850 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6850
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6850 Datasheet HTML 5Page - Analog Devices ADRF6850 Datasheet HTML 6Page - Analog Devices ADRF6850 Datasheet HTML 7Page - Analog Devices ADRF6850 Datasheet HTML 8Page - Analog Devices ADRF6850 Datasheet HTML 9Page - Analog Devices ADRF6850 Datasheet HTML 10Page - Analog Devices ADRF6850 Datasheet HTML 11Page - Analog Devices ADRF6850 Datasheet HTML 12Page - Analog Devices ADRF6850 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ADRF6850
Rev. 0 | Page 9 of 36
Pin No.
Mnemonic
Description
51, 55
RFI, RFI
RF Inputs. 50 Ω internally biased RF inputs. For single-ended operation, RFI must be ac-coupled to
the source, and RFI must be ac-coupled to the ground plane.
53
RFCM
RF Input Common Mode. Connect to RFI when driving the input in single-ended mode. When driving
the input differentially using a balun, connect this pin to the common terminal of the output coil of
the balun. Decouple RFCM to the ground plane.
25, 26
LOMON,
LOMON
Differential Monitor Outputs. These pins provide a replica of the internal local oscillator frequency
(1× LO) at four different power levels: −6 dBm, −12 dBm, −18 dBm, and −24 dBm, approximately.
These open-collector outputs must be terminated with external resistors to VCCx. These outputs can
be disabled through serial port programming and should be connected to VCCx if not used.
10, 12
LF3/LF2
Extra Loop Filter Pins for Fastlock. Use these pins to reduce lock time.
40
LDET
Lock Detect. This pin provides an active high output when the PLL frequency is locked. The lock
detect timing is controlled by Register CR14 (Bit 7) and Register CR23 (Bit 3).
39
MUXOUT
Muxout. This output is a test output for diagnostic use only. Allow this pin to remain open circuit.
22, 23
TESTLO, TESTLO
Differential Test Inputs. For internal use only. These pins should be grounded.
43
VGAIN
VGA Gain Input. Drive this pin by a voltage in the range from 0 V to 1.5 V. This voltage controls the
gain of the VGA. A 0 V input sets the VGA gain to 0 dB, whereas a 1.5 V input sets the VGA gain to
+60 dB if the VGA Gain Mode Polarity Bit CR30, Bit 2, is set to 0. If the VGA gain mode polarity bit is
set to 1, a 0 V input sets the VGA gain to +60 dB, whereas a 1.5 V input sets the VGA gain to 0 dB.
EP
Exposed Paddle. Connect the exposed pad to the ground plane via a low impedance path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com