Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6850 Datasheet(PDF) 31 Page - Analog Devices

Part # ADRF6850
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADRF6850 Datasheet HTML 27Page - Analog Devices ADRF6850 Datasheet HTML 28Page - Analog Devices ADRF6850 Datasheet HTML 29Page - Analog Devices ADRF6850 Datasheet HTML 30Page - Analog Devices ADRF6850 Datasheet HTML 31Page - Analog Devices ADRF6850 Datasheet HTML 32Page - Analog Devices ADRF6850 Datasheet HTML 33Page - Analog Devices ADRF6850 Datasheet HTML 34Page - Analog Devices ADRF6850 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
ADRF6850
Rev. 0 | Page 31 of 36
EVALUATION BOARD
GENERAL DESCRIPTION
The evaluation board is designed to allow the user to evaluate
the performance of the ADRF6850. It contains the following:
•
The ADRF6850 DUT. This is an I/Q demodulator with an
integrated fractional-N PLL and VCO.
•
SPI and I2C interface connectors.
•
Baseband output connectors.
•
Fourth-order low-pass loop filter circuitry.
•
13.5 MHz reference clock, and the ability to drive the
reference input external to the board.
•
Circuitry to support differential signaling to the TESTLO
inputs, including dc biasing circuitry.
•
Circuitry to monitor the LOMON outputs.
•
SMA connectors for power supplies, the VGAIN input and
a single-ended RF input.
The evaluation board comes with associated software to allow
easy programming of the ADRF6850.
HARDWARE DESCRIPTION
For more information, refer to the circuit diagram in Figure 69.
Power Supplies
An external +3.3 V supply (DUT + 3.3 V) powers each of the
nine VCCx supplies on the ADRF6850 as well as the 13.5 MHz
clock reference.
Recommended Decoupling for Supplies
Initially, the external +3.3 V supply is decoupled by a 10 µF
capacitor and then further by a parallel combination of 100 nF
and 56 pF capacitors that are placed as close to the DUT as
possible for good local decoupling. The impedance of all these
capacitors should be low and constant across a broad frequency
range. Surface-mount multilayered ceramic chip (MLCC) Class II
capacitors provide very low ESL and ESR, which assist in
decoupling supply noise effectively. They also provide good
temperature stability and good aging characteristics. Capacitance
changes per the bias voltage that is applied. Larger case sizes have
less capacitance change vs. applied bias voltage, and also lower
ESR but higher ESL. A combination of 0402 size cases for the
56 pF capacitors and 0603 size cases for the 100 nF capacitors
give a good compromise allowing the 56 pF capacitors to be
placed as close as possible to the supply pins on the top side of
the PCB with the 100 nF capacitors placed on the bottom side
of the PCB quite close to the supply pins. X5R and X7R
capacitors are examples of these types of capacitors and are
recommended for decoupling.
SPI and I2C Interface
The SPI interface connector is a nine-way, D-type connector that
can be connected to the printer port of a PC. Figure 68 shows
the PC cable diagram that must be used with the provided
software.
There is also an option to use the I2C interface by using the I2C
receptacle connector. This is a standard I2C connector. A supply
voltage of +3.3 V is provided by the I2C bus master. Pull-up
resistors are required on the signal lines. The CS pin can be
used to set the slave address of the ADRF6850. CS high sets the
slave address to 0x78, and CS low sets the slave address to 0x58.
6
7
8
9
1
9-WAY
FEMALE
D-TYPE
25-WAY
MALE
D-TYPE
TO PC
PRINTER PORT
GND
CLK
DATA
LE
2
3
4
5
21
22
23
24
25
8
9
10
11
12
4
5
6
7
1
2
3
16
17
18
19
20
14
15
13
PC
Figure 68. SPI PC Cable Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com