Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3661 Datasheet(PDF) 74 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 74 Page - ams AG

Back Button AS3661 Datasheet HTML 70Page - ams AG AS3661 Datasheet HTML 71Page - ams AG AS3661 Datasheet HTML 72Page - ams AG AS3661 Datasheet HTML 73Page - ams AG AS3661 Datasheet HTML 74Page - ams AG AS3661 Datasheet HTML 75Page - ams AG AS3661 Datasheet HTML 76Page - ams AG AS3661 Datasheet HTML 77Page - ams AG AS3661 Datasheet HTML 78Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
73 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.13.6 MUX_MAP_NEXT
This instruction sets the next row active in the mapping table each time it is called. For example, if the 1st row is active
at this moment, after mux_map_next instruction call the 2rd row will be active like in the block diagram shown in
Figure 32 below.
Figure 32. MUX_MAP_NEXT Command
If the mapping table end address is reached, activation will roll to the mapping table start address next time when the
mux_map_next instruction is called. Engine will not push a new PWM value to the LED driver output before set_pwm
or ramp instruction is executed. If the mapping has been released from an LED, the value in the PWM register will still
control the LED brightness. If the mapping is released from the GPO pin, serial bus control takes over the GPO state.
COMPILER COMMAND SYNTAX: MMN;
This command doesn’t support any parameters.
8.13.7 MUX_MAP_PREV
This instruction sets the previous row active in the mapping table each time it is called. For example, if the 3rd row is
active at this moment, after mux_map_prev instruction call the 2nd row will be active like in block diagram shown in
Figure 33 below.
Figure 33. MUX_MAP_PREV Command
Figure 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com