Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3661 Datasheet(PDF) 17 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 17 Page - ams AG

Back Button AS3661 Datasheet HTML 13Page - ams AG AS3661 Datasheet HTML 14Page - ams AG AS3661 Datasheet HTML 15Page - ams AG AS3661 Datasheet HTML 16Page - ams AG AS3661 Datasheet HTML 17Page - ams AG AS3661 Datasheet HTML 18Page - ams AG AS3661 Datasheet HTML 19Page - ams AG AS3661 Datasheet HTML 20Page - ams AG AS3661 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
16 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.5 Modes of Operation
The following are the different modes of operation of AS3661
8.5.1 RESET
In the RESET mode all the internal registers are reset to the default values. Reset is entered always if Reset Register
(3DH) is written FFH or internal Power On Reset is active. Power On Reset (POR) will activate during the chip startup
or when the supply voltage VBAT fall below 1.5V (typ.). Once VBAT rises above 1.5V (typ.) POR will be inactivate and
the chip will continue to the STANDBY mode. CHIP_EN control bit is low after POR by default.
8.5.2 STANDBY
The STANDBY mode is entered if the register bit CHIP_EN or EN pin is logic low and Reset is not active. This is the
low power consumption mode, when all circuit functions are disabled. Registers can be written in this mode if EN pin is
logic high so that the control bits will be effective right after the start up.
8.5.3 STARTUP
When CHIP_EN bit is written high and the EN pin is high, the INTERNAL STARTUP SEQUENCE powers up all the
needed internal blocks (VREF, Bias, Oscillator etc.). Startup delay is 500 µs. If the chip temperature rises too high, the
Thermal Shutdown (TSD) disables the chip operation and chip waits in STARTUP mode until no thermal shutdown
event is present.
8.5.4 NORMAL
During NORMAL mode the user controls the chip using the Control Registers.
8.5.5 POWER SAVE
In POWER SAVE mode analog blocks are disabled to minimize power consumption. (see Automatic Power Save
Mode on page 19)
Figure 18. Mode Select
<"
  +! <"
!"!&
""
(!$
<" <" D 00
 +< D J
&  
  %
'="   %
'!"   %
"!E)
D J
' D J >!? !
JA' D J >E"?
D
' D >!? 
JA' D >E"?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com